Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF75639G3 Datasheet (PDF) - Intersil Corporation

HUF75639G3 Datasheet PDF - Intersil Corporation
Part # HUF75639G3
Download  HUF75639G3 Download

File Size   370.04 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs

HUF75639G3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HUF75639G3 Datasheet PDF - Intersil Corporation

Part # HUF75639G3
Download  HUF75639G3 Click to download

File Size   370.04 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs

HUF75639G3 Datasheet (HTML) - Intersil Corporation

HUF75639G3 Datasheet HTML 1Page - Intersil Corporation HUF75639G3 Datasheet HTML 2Page - Intersil Corporation HUF75639G3 Datasheet HTML 3Page - Intersil Corporation HUF75639G3 Datasheet HTML 4Page - Intersil Corporation HUF75639G3 Datasheet HTML 5Page - Intersil Corporation HUF75639G3 Datasheet HTML 6Page - Intersil Corporation HUF75639G3 Datasheet HTML 7Page - Intersil Corporation HUF75639G3 Datasheet HTML 8Page - Intersil Corporation HUF75639G3 Datasheet HTML 9Page - Intersil Corporation

HUF75639G3 Product details

These N-Channel power MOSFETs are manufactured using the innovative UltraFET™ process. This advanced process technology achieves the lowest possible on-resistance per silicon area, resulting in outstanding performance. This device is capable of withstanding high energy in the avalanche mode and the diode exhibits very low reverse recovery time and stored charge. It was designed for use in applications where power efficiency is important, such as switching regulators, switching converters, motor drivers, relay drivers, lowvoltage bus switches, and power management in portable and battery-operated products.
   
Features
• 56A, 100V
• Simulation Models
    - Temperature Compensated PSPICETM and SABER©
        Electrical Models
    - Spice and Saber Thermal Impedance Models
    - www.Intersil.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
    - TB334, “Guidelines for Soldering Surface Mount
        Components to PC Boards”
   




Similar Part No. - HUF75639G3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75639G3 FAIRCHILD-HUF75639G3 Datasheet
229Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUF75639G3 FAIRCHILD-HUF75639G3 Datasheet
234Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
logo
Inchange Semiconductor ...
HUF75639G3 ISC-HUF75639G3 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
HUF75639G3 ONSEMI-HUF75639G3 Datasheet
532Kb / 11P
   N-Channel UltraFET Power MOSFET 100 V, 56 A, 25 m廓
October-2017, Rev. 3
More results


Similar Description - HUF75639G3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75639G3 FAIRCHILD-HUFA75639G3 Datasheet
221Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUF75639G3 FAIRCHILD-HUF75639G3 Datasheet
229Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75639S3ST FAIRCHILD-HUFA75639S3ST Datasheet
236Kb / 7P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUF75639S3ST FAIRCHILD-HUF75639S3ST Datasheet
234Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HAF70009 INTERSIL-HAF70009 Datasheet
107Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
August 1999
logo
Fairchild Semiconductor
HUF75639S3R4851 FAIRCHILD-HUF75639S3R4851 Datasheet
204Kb / 10P
   56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75639S3R4851 INTERSIL-HUF75639S3R4851 Datasheet
136Kb / 10P
   56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
HUF76129P3 INTERSIL-HUF76129P3 Datasheet
108Kb / 10P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76129P3 FAIRCHILD-HUF76129P3 Datasheet
289Kb / 11P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429P3 FAIRCHILD-HUFA76429P3 Datasheet
208Kb / 10P
   44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com