Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF76619D3 Datasheet (PDF) - Intersil Corporation

HUF76619D3 Datasheet PDF - Intersil Corporation
Part # HUF76619D3
Download  HUF76619D3 Download

File Size   108.89 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET

HUF76619D3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HUF76619D3 Datasheet PDF - Intersil Corporation

Part # HUF76619D3
Download  HUF76619D3 Click to download

File Size   108.89 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET

HUF76619D3 Datasheet (HTML) - Intersil Corporation

HUF76619D3 Datasheet HTML 1Page - Intersil Corporation HUF76619D3 Datasheet HTML 2Page - Intersil Corporation HUF76619D3 Datasheet HTML 3Page - Intersil Corporation HUF76619D3 Datasheet HTML 4Page - Intersil Corporation HUF76619D3 Datasheet HTML 5Page - Intersil Corporation HUF76619D3 Datasheet HTML 6Page - Intersil Corporation HUF76619D3 Datasheet HTML 7Page - Intersil Corporation HUF76619D3 Datasheet HTML 8Page - Intersil Corporation HUF76619D3 Datasheet HTML 9Page - Intersil Corporation

HUF76619D3 Product details

Features
• Ultra Low On-Resistance
    - rDS(ON) = 0.085Ω, VGS = 10V
    - rDS(ON) = 0.087Ω, VGS = 5V
• Simulation Models
    - Temperature Compensated PSPICE® and SABER© Electrical Models
    - Spice and SABER© Thermal Impedance Models
    - www.semi.Intersil.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Switching Time vs RGS Curves




Similar Part No. - HUF76619D3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76619D3 FAIRCHILD-HUF76619D3 Datasheet
215Kb / 10P
   18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76619D3S FAIRCHILD-HUF76619D3S Datasheet
215Kb / 10P
   18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Similar Description - HUF76619D3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76619D3 FAIRCHILD-HUF76619D3 Datasheet
215Kb / 10P
   18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76619D3 FAIRCHILD-HUFA76619D3 Datasheet
215Kb / 10P
   18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76633P3 FAIRCHILD-HUF76633P3 Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76629D3 FAIRCHILD-HUFA76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76629D3 FAIRCHILD-HUF76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76629D3 INTERSIL-HUF76629D3 Datasheet
334Kb / 9P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76633P3 INTERSIL-HUF76633P3 Datasheet
337Kb / 9P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76639P3 FAIRCHILD-HUFA76639P3 Datasheet
219Kb / 10P
   50A, 100V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76609D3 FAIRCHILD-HUFA76609D3 Datasheet
209Kb / 10P
   10A, 100V, 0.165 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76633P3 FAIRCHILD-HUFA76633P3 Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com