![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
IRF330 - 5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET - Intersil Corporation |
|
Click Here View IRF330 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BUZ60 | 5.5A 400V 1.000 Ohm N-Channel Power MOSFET | Intersil Corporation |
| IRF730 | 5.5A 400V 1.000 Ohm N-Channel Power MOSFET | Intersil Corporation |
| IRFF330 | 3.5A 400V 1.000 Ohm N-Channel Power MOSFET | Intersil Corporation |
| IRFF320 | 2.5A 400V 1.800 Ohm N-Channel Power MOSFET | Intersil Corporation |
| HUFA75631SK8 | 5.5A 100V 0.039 Ohm N-Channel UltraFET Power MOSFET | Fairchild Semiconductor |
| IRFP340 | 11A 400V 0.550 Ohm N-Channel Power MOSFET | Intersil Corporation |
| HUF75631SK8 | 5.5A 100V 0.039 Ohm N-Channel UltraFET Power MOSFET | Intersil Corporation |
| IRFP350 | 16A 400V 0.300 Ohm N-Channel Power MOSFET | Intersil Corporation |
| HUF76105SK8 | 5.5A 30V 0.050 Ohm N-Channel Logic Level UltraFET Power MOSFET | Intersil Corporation |
| IRFP360 | 23A 400V 0.200 Ohm N-Channel Power MOSFET | Intersil Corporation |
Link URL |
|
|
Related keyword |
| IRF330 Datasheet | IRF330 Cross Reference | IRF330 Schematic | IRF330 Distributor | IRF330 Datenblatt | IRF330 RoHS |
| IRF330 Equivalent | IRF330 Application Notes | IRF330 Data Sheet | IRF330 component | IRF330 Fiche Technique | IRF330 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |