![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
IRF323 - 2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs - Intersil Corporation |
|
Click Here View IRF323 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| RFH12N35 | 12A 350V and 400V 0.380 Ohm N-Channel Power MOSFETs | Intersil Corporation |
| RFM12N35 | 12A 350V and 400V 0.500 Ohm N-Channel Power MOSFETs | Intersil Corporation |
| RFM4N35 | 4A 350V and 400V 2.000 Ohm N-Channel Power MOSFETs | Intersil Corporation |
| RFM7N35 | 7A 350V and 400V 0.75 Ohm N-Channel Power MOSFETs | Intersil Corporation |
| RFP15N05L | 15A 50V and 60V 0.140 Ohm Logic Level N-Channel Power MOSFETs | Intersil Corporation |
| RFP15N05L | 15A 50V and 60V 0.140 Ohm Logic Level N-Channel Power MOSFETs | Fairchild Semiconductor |
| RFK25N18 | 25A 180V and 200V 0.150 Ohm N-Channel Power MOSFETs | Intersil Corporation |
| RFP2N08 | 2A 80V and 100V 1.05 Ohm N-Channel Power MOSFETs | Intersil Corporation |
| IRF340-343 | N-Channel Power MOSFETs 10A 350V/400V | Fairchild Semiconductor |
| IRF120 | 8.0A and 9.2A 80V and 100V 0.27 and 0.36 Ohm N-Channel Power MOSFETs | Intersil Corporation |
Link URL |
|
|
Related keyword |
| IRF323 Datasheet | IRF323 Cross Reference | IRF323 Schematic | IRF323 Distributor | IRF323 Datenblatt | IRF323 RoHS |
| IRF323 Equivalent | IRF323 Application Notes | IRF323 Data Sheet | IRF323 component | IRF323 Fiche Technique | IRF323 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |