Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFD110 Datasheet (PDF) - Intersil Corporation

IRFD110 Datasheet PDF - Intersil Corporation
Part # IRFD110
Download  IRFD110 Download

File Size   52.55 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1A, 100V, 0.600 Ohm, N-Channel Power MOSFET

IRFD110 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFD110 Datasheet PDF - Intersil Corporation

Part # IRFD110
Download  IRFD110 Click to download

File Size   52.55 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1A, 100V, 0.600 Ohm, N-Channel Power MOSFET

IRFD110 Datasheet (HTML) - Intersil Corporation

IRFD110 Datasheet HTML 1Page - Intersil Corporation IRFD110 Datasheet HTML 2Page - Intersil Corporation IRFD110 Datasheet HTML 3Page - Intersil Corporation IRFD110 Datasheet HTML 4Page - Intersil Corporation IRFD110 Datasheet HTML 5Page - Intersil Corporation IRFD110 Datasheet HTML 6Page - Intersil Corporation

IRFD110 Product details

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 1A, 100V
• rDS(ON) = 0.600Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - IRFD110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFD110 IRF-IRFD110 Datasheet
174Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.0A)
logo
Vishay Siliconix
IRFD110 VISHAY-IRFD110 Datasheet
132Kb / 8P
   Power MOSFET
S-81263-Rev. A, 21-Jul-08
IRFD110 VISHAY-IRFD110 Datasheet
156Kb / 9P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFD110PBF IRF-IRFD110PBF Datasheet
1Mb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFD110PBF VISHAY-IRFD110PBF Datasheet
132Kb / 8P
   Power MOSFET
S-81263-Rev. A, 21-Jul-08
More results


Similar Description - IRFD110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF110 INTERSIL-IRFF110 Datasheet
328Kb / 7P
   3.5A, 100V, 0.600 Ohm, N-Channel Power MOSFET
RFL1N10L INTERSIL-RFL1N10L Datasheet
29Kb / 5P
   1A, 100V, 1.200 Ohm, Logic Level, N-Channel Power MOSFET
logo
STMicroelectronics
STQ1NE10L STMICROELECTRONICS-STQ1NE10L Datasheet
311Kb / 9P
   N-CHANNEL 100V - 0.3 ohm - 1A TO-92 STripFET??POWER MOSFET
logo
Intersil Corporation
JANSR2N7410 INTERSIL-JANSR2N7410 Datasheet
45Kb / 8P
   3.5A, 100V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFET
RFL1N08 INTERSIL-RFL1N08 Datasheet
30Kb / 4P
   1A, 80V and 100V, 1.200 Ohm, N-Channel, Power MOSFETs
IRF9520 INTERSIL-IRF9520 Datasheet
57Kb / 7P
   6A, 100V, 0.600 Ohm, P-Channel Power MOSFET
IRF520 INTERSIL-IRF520 Datasheet
69Kb / 7P
   9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
November 1999
IRFF120 INTERSIL-IRFF120 Datasheet
325Kb / 7P
   6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRFF130 NJSEMI-IRFF130 Datasheet
150Kb / 3P
   8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
BUZ21 INTERSIL-BUZ21 Datasheet
46Kb / 6P
   19A, 100V, 0.100 Ohm, N-Channel Power MOSFET
October 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com