![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
IRFD9120 - 1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET - Intersil Corporation |
|
Click Here View IRFD9120 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| IRF9520 | 6A 100V 0.600 Ohm P-Channel Power MOSFET | Intersil Corporation |
| IRFD9110 | 0.7A 100V 1.200 Ohm P-Channel Power MOSFET | Fairchild Semiconductor |
| RFP8P10 | 8A 100V 0.400 Ohm P-Channel Power MOSFET | Intersil Corporation |
| IRFD9110 | 0.7A 100V 1.200 Ohm P-Channel Power MOSFET | Intersil Corporation |
| IRFF9120 | 4A 100V 0.60 Ohm P-Channel Power MOSFET | Intersil Corporation |
| IRFP9140 | 19A 100V 0.200 Ohm P-Channel Power MOSFET | Intersil Corporation |
| IRFP9150 | 25A 100V 0.150 Ohm P-Channel Power MOSFET | Intersil Corporation |
| IRF9510 | 3.0A 100V 1.200 Ohm P-Channel Power MOSFET | Intersil Corporation |
| HUF76645P3 | 75A 100V 0.015 Ohm N-Channel Logic Level UltraFET Power MOSFET | Fairchild Semiconductor |
| RFP12N10L | 12A 100V 0.200 Ohm Logic Level N-Channel Power MOSFET | Fairchild Semiconductor |
Link URL |
|
|
Related keyword |
| IRFD9120 Datasheet | IRFD9120 Cross Reference | IRFD9120 Schematic | IRFD9120 Distributor | IRFD9120 Datenblatt | IRFD9120 RoHS |
| IRFD9120 Equivalent | IRFD9120 Application Notes | IRFD9120 Data Sheet | IRFD9120 component | IRFD9120 Fiche Technique | IRFD9120 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |