![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
IRFD9220 - 0.6A, 200V, 1.500 Ohm, P-Channel Power MOSFET - Intersil Corporation |
|
Click Here View IRFD9220 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| IRFD210 | 0.6A 200V 1.500 Ohm N-Channel Power MOSFET | Intersil Corporation |
| IRF9620 | 3.5A 200V 1.500 Ohm P-Channel Power MOSFET | Intersil Corporation |
| IRF610 | 3.3A 200V 1.500 Ohm N-Channel Power MOSFET | Intersil Corporation |
| IRFF210 | 2.2A 200V 1.500 Ohm N-Channel Power MOSFET | Intersil Corporation |
| IRFR9220 | 3.6A 200V 1.500 Ohm P-Channel Power MOSFETs | Intersil Corporation |
| IRFP9240 | 12A 200V 0.500 Ohm P-Channel Power MOSFET | Intersil Corporation |
| BUZ73A | 5.8A 200V 0.600 Ohm N-Channel Power MOSFET | Intersil Corporation |
| STS3C3F30L | N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET¢â II POWER MOSFET | STMicroelectronics |
| STS5PF20V | P-CHANNEL 20V - 0.065 ohm - 5A SO-8 2.5V-DRIVE STripFET II POWER MOSFET | STMicroelectronics |
| IRFD9120 | 1.0A 100V 0.6 Ohm P-Channel Power MOSFET | Intersil Corporation |
Link URL |
|
|
Related keyword |
| IRFD9220 Datasheet | IRFD9220 Cross Reference | IRFD9220 Schematic | IRFD9220 Distributor | IRFD9220 Datenblatt | IRFD9220 RoHS |
| IRFD9220 Equivalent | IRFD9220 Application Notes | IRFD9220 Data Sheet | IRFD9220 component | IRFD9220 Fiche Technique | IRFD9220 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |