Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITF86174SQT Datasheet (PDF) - Intersil Corporation

ITF86174SQT Datasheet PDF - Intersil Corporation
Part # ITF86174SQT
Download  ITF86174SQT Download

File Size   198.82 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 9A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET

ITF86174SQT Datasheet (PDF)

Go To PDF Page Download Datasheet
ITF86174SQT Datasheet PDF - Intersil Corporation

Part # ITF86174SQT
Download  ITF86174SQT Click to download

File Size   198.82 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 9A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET

ITF86174SQT Datasheet (HTML) - Intersil Corporation

Back Button ITF86174SQT Datasheet HTML 1Page - Intersil Corporation ITF86174SQT Datasheet HTML 2Page - Intersil Corporation ITF86174SQT Datasheet HTML 3Page - Intersil Corporation ITF86174SQT Datasheet HTML 4Page - Intersil Corporation ITF86174SQT Datasheet HTML 5Page - Intersil Corporation ITF86174SQT Datasheet HTML 6Page - Intersil Corporation ITF86174SQT Datasheet HTML 7Page - Intersil Corporation ITF86174SQT Datasheet HTML 8Page - Intersil Corporation ITF86174SQT Datasheet HTML 9Page - Intersil Corporation ITF86174SQT Datasheet HTML 10Page - Intersil Corporation Next Button 

ITF86174SQT Product details

Features
• Ultra Low On-Resistance
    - rDS(ON) = 0.016Ω, VGS = −10V
    - rDS(ON) = 0.024Ω, VGS = −4.5V
    - rDS(ON) = 0.027Ω, VGS = −4V
• Gate to Source Protection Diode
• Simulation Models
    - Temperature Compensated PSPICE™ and SABER Electrical Models
    - Spice and SABER Thermal Impedance Models
    - www.intersil.com
• Peak Current vs Pulse Width Curve
• Transient Thermal Impedance Curve vs Board Mounting Area
• Switching Time vs RGS Curves




Similar Part No. - ITF86174SQT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ITF86172SK8T INTERSIL-ITF86172SK8T Datasheet
174Kb / 12P
   10A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
More results


Similar Description - ITF86174SQT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ITF86172SK8T INTERSIL-ITF86172SK8T Datasheet
174Kb / 12P
   10A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
HUF76129D3 INTERSIL-HUF76129D3 Datasheet
107Kb / 10P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76129P3 FAIRCHILD-HUF76129P3 Datasheet
289Kb / 11P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76129P3 INTERSIL-HUF76129P3 Datasheet
108Kb / 10P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76129D3 FAIRCHILD-HUF76129D3 Datasheet
282Kb / 11P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Harris Corporation
RFP10P03L HARRIS-RFP10P03L Datasheet
272Kb / 12P
   10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET
logo
Intersil Corporation
RFD10P03L INTERSIL-RFD10P03L Datasheet
133Kb / 8P
   10A, 30V, 0.200 Ohm, Logic Level, P-Channel Power MOSFET
RFT2P03L INTERSIL-RFT2P03L Datasheet
91Kb / 9P
   2.1A, 30V, 0.150 Ohm, P-Channel Logic Level, Power MOSFET
ITF86182SK8T INTERSIL-ITF86182SK8T Datasheet
174Kb / 12P
   11A, 30V, 0.0115 Ohm, P-Channel, Logic Level, Power MOSFET
logo
STMicroelectronics
STS9NF3LL STMICROELECTRONICS-STS9NF3LL Datasheet
274Kb / 8P
   N-CHANNEL 30V - 0.016 ohm - 9A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com