Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFP2N12L Datasheet (PDF) - Intersil Corporation

RFP2N12L Datasheet PDF - Intersil Corporation
Part # RFP2N12L
Download  RFP2N12L Download

File Size   35.35 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A, 120V, 1.750 Ohm, Logic Level, N-Channel Power MOSFET

RFP2N12L Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP2N12L Datasheet PDF - Intersil Corporation

Part # RFP2N12L
Download  RFP2N12L Click to download

File Size   35.35 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A, 120V, 1.750 Ohm, Logic Level, N-Channel Power MOSFET

RFP2N12L Datasheet (HTML) - Intersil Corporation

RFP2N12L Datasheet HTML 1Page - Intersil Corporation RFP2N12L Datasheet HTML 2Page - Intersil Corporation RFP2N12L Datasheet HTML 3Page - Intersil Corporation RFP2N12L Datasheet HTML 4Page - Intersil Corporation RFP2N12L Datasheet HTML 5Page - Intersil Corporation

RFP2N12L Product details

The RFP2N12L is an N-Channel enhancement mode silicon gate power field effect transistor specifically designed for use with logic level (5V) driving sources in applications such as programmable controllers, automotive switching, and solenoid drivers. This performance is accomplished through a special gate oxide design which provides full rated conduction at gate biases in the 3V - 5V range, thereby facilitating true on-off power control directly from logic circuit supply voltages.

Features
• 2A, 120V
• rDS(ON) = 1.750Ω
• Design Optimized for 5V Gate Drives
• Can be Driven Directly from QMOS, NMOS, TTL Circuits
• Compatible with Automotive Drive Requirements
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFP2N12L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RFP2N12L VBSEMI-RFP2N12L Datasheet
938Kb / 7P
   N-Channel 100-V (D-S) MOSFET
More results


Similar Description - RFP2N12L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP2N12 INTERSIL-RFP2N12 Datasheet
35Kb / 5P
   2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs
RFW2N06RLE INTERSIL-RFW2N06RLE Datasheet
41Kb / 5P
   2A, 60V, 0.160 Ohm, Logic Level, N-Channel Power MOSFET
RFL2N06L INTERSIL-RFL2N06L Datasheet
306Kb / 5P
   2A, 60V, 0.950 Ohm, Logic Level, N-Channel Power MOSFET
RFP2N20L INTERSIL-RFP2N20L Datasheet
35Kb / 5P
   2A, 200V, 3.500 Ohm, Logic Level, N-Channel Power MOSFET
RFL1N12L INTERSIL-RFL1N12L Datasheet
31Kb / 4P
   1A, 120V and 150V, 1.900 Ohm, Logic Level, N-Channel Power MOSFETs
RFP2N08L INTERSIL-RFP2N08L Datasheet
35Kb / 5P
   2A, 80V and 100V, 1.050 Ohm, Logic Level, N-Channel Power MOSFETs
RFP12N10L INTERSIL-RFP12N10L Datasheet
38Kb / 5P
   12A, 100V, 0.200 Ohm, Logic Level, N-Channel Power MOSFET
RFP25N05L INTERSIL-RFP25N05L Datasheet
47Kb / 6P
   25A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
RFP8N20L NJSEMI-RFP8N20L Datasheet
97Kb / 2P
   8A, 200V, 0.600 Ohm, Logic Level, N-Channel Power MOSFET
logo
Fairchild Semiconductor
RFP12N10L FAIRCHILD-RFP12N10L Datasheet
361Kb / 6P
   12A, 100V, 0.200 Ohm, Logic Level, N-Channel Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com