![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
RFP6P10 - -6A, -80V and -100V, 0.600 Ohm, P-Channel Power MOSFETs - Intersil Corporation |
|
Click Here View RFP6P10 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| RFH25P08 | -25A -100V and -80V 0.150 Ohm P-Channel Power MOSFETs | Intersil Corporation |
| RFL1P08 | 1A -80V and -100V 3.65 Ohm P-Channel Power MOSFETs | Intersil Corporation |
| RFP2P08 | -2A -80V and -100V 3.500 Ohm P-Channel Power MOSFETs | Intersil Corporation |
| RFP8P08 | -8A -80V AND -100V 0.400 Ohm P-CHANNEL POWER MOSFETS | Harris Corporation |
| IRFD9113 | -0.6A and -0.7A -80V and -100V 1.2 and 1.6 Ohm P-Channel Power MOSFETs | Harris Corporation |
| FSS913A0D | 10A -100V 0.280 Ohm Radiation Hardened SEGR Resistant P-Channel Power MOSFETs | Intersil Corporation |
| RFH10N45 | 10A 450V and 500V 0.600 Ohm N-Channel Power MOSFETs | Intersil Corporation |
| FRE9160D | 30A -100V 0.095 Ohm Rad Hard P-Channel Power MOSFETs | Intersil Corporation |
| RFM10N45 | 10A 450V and 500V 0.600 Ohm N-Channel Power MOSFETs | Intersil Corporation |
| RFP12P08 | 12A 80V and 100V 0.300 Ohm P-Channel Power MOSFETs | Intersil Corporation |
Link URL |
|
|
Related keyword |
| RFP6P10 Datasheet | RFP6P10 Cross Reference | RFP6P10 Schematic | RFP6P10 Distributor | RFP6P10 Datenblatt | RFP6P10 RoHS |
| RFP6P10 Equivalent | RFP6P10 Application Notes | RFP6P10 Data Sheet | RFP6P10 component | RFP6P10 Fiche Technique | RFP6P10 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |