Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RURG75120 Datasheet (PDF) - Intersil Corporation

RURG75120 Datasheet PDF - Intersil Corporation
Part # RURG75120
Download  RURG75120 Download

File Size   32.2 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 75A, 1200V Ultrafast Diode

RURG75120 Datasheet (PDF)

Go To PDF Page Download Datasheet
RURG75120 Datasheet PDF - Intersil Corporation

Part # RURG75120
Download  RURG75120 Click to download

File Size   32.2 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 75A, 1200V Ultrafast Diode

RURG75120 Datasheet (HTML) - Intersil Corporation

RURG75120 Datasheet HTML 1Page - Intersil Corporation RURG75120 Datasheet HTML 2Page - Intersil Corporation RURG75120 Datasheet HTML 3Page - Intersil Corporation

RURG75120 Product details

The RURG75120 is an ultrafast diode with soft recovery characteristics (trr < 125ns). It has low forward voltage drop and is of silicon nitride passivated ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and ultrafast recovery with soft recovery characteristic minimize ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistors.

Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . <125ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1200V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RURG75120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURG15100CC INTERSIL-RURG15100CC Datasheet
34Kb / 3P
   15A, 1000V Ultrafast Dual Diode
RURG15120CC INTERSIL-RURG15120CC Datasheet
49Kb / 4P
   15A, 1200V Ultrafast Dual Diode
logo
Fairchild Semiconductor
RURG1520CC FAIRCHILD-RURG1520CC Datasheet
339Kb / 4P
   15A, 200V Ultrafast Dual Diode
logo
Intersil Corporation
RURG1520CC INTERSIL-RURG1520CC Datasheet
31Kb / 3P
   15A, 200V Ultrafast Dual Diode
logo
Fairchild Semiconductor
RURG1520CC FAIRCHILD-RURG1520CC Datasheet
52Kb / 5P
   15A, 200V Ultrafast Dual Diode
More results


Similar Description - RURG75120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURU75120 INTERSIL-RURU75120 Datasheet
31Kb / 3P
   75A, 1200V Ultrafast Diode
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
   75A, 1200V Hyperfast Diode
RHRG75120 INTERSIL-RHRG75120 Datasheet
32Kb / 3P
   75A, 1200V Hyperfast Diode
logo
Fairchild Semiconductor
RHRG75120 FAIRCHILD-RHRG75120 Datasheet
341Kb / 4P
   75A, 1200V Hyperfast Diode
logo
Diodes Incorporated
PT7612 DIODES-PT7612 Datasheet
140Kb / 3P
   DIODE MODULE 75A/1200V/1600V
logo
Nihon Inter Electronics...
PT76S12 NIEC-PT76S12 Datasheet
118Kb / 3P
   DIODE MODULE 75A/1200V/1600V
logo
Rohm
MH2206WZ ROHM-MH2206WZ Datasheet
1Mb / 4P
   1200V 75A Fast Recovery Diode
2021.08 - Rev.A
logo
Nihon Inter Electronics...
PRHMB75B12A NIEC-PRHMB75B12A_1 Datasheet
207Kb / 3P
   75A 1200V
PRHMB75B12 NIEC-PRHMB75B12_1 Datasheet
207Kb / 3P
   75A 1200V
logo
National Instruments Co...
PBMB75B12 NI-PBMB75B12_15 Datasheet
198Kb / 3P
   75A, 1200V
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com