Electronic Components Datasheet Search |
|
RURP4120CC Datasheet (PDF) - Intersil Corporation |
RURP4120CC Datasheet (PDF) |
Download Datasheet |
Part # | RURP4120CC |
Download | RURP4120CC Click to download |
File Size | 47.38 Kbytes |
Page | 4 Pages |
Manufacturer | INTERSIL [Intersil Corporation] |
Direct Link | http://www.intersil.com/cda/home |
Logo | |
Description | 4A, 1200V Ultrafast Dual Diode |
RURP4120CC Datasheet (HTML) - Intersil Corporation |
RURP4120CC Product details |
|
Similar Part No. - RURP4120CC |
|
Similar Description - RURP4120CC |
|
About Intersil Corporation |
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |