Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYW178 Datasheet (PDF) - SUNMATE electronic Co., LTD

BYW178 Datasheet PDF - SUNMATE electronic Co., LTD
Part # BYW178
Download  BYW178 Download

File Size   153.3 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 3.0A Axial Leaded Sintered Glass Junction

BYW178 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYW178 Datasheet PDF - SUNMATE electronic Co., LTD

Part # BYW178
Download  BYW178 Click to download

File Size   153.3 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 3.0A Axial Leaded Sintered Glass Junction

BYW178 Datasheet (HTML) - SUNMATE electronic Co., LTD

BYW178 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BYW178 Datasheet HTML 2Page - SUNMATE electronic Co., LTD



Similar Part No. - BYW178

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW178 VISHAY-BYW178 Datasheet
45Kb / 4P
   Very Fast Silicon Mesa Rectifier
Rev. 2, 24-Jun-98
logo
Gulf Semiconductor
BYW178 GULFSEMI-BYW178 Datasheet
71Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 800V CURRENT: 3.0A
logo
Vishay Siliconix
BYW178 VISHAY-BYW178 Datasheet
111Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Aug-10
logo
Shenzhen Luguang Electr...
BYW178 LUGUANG-BYW178 Datasheet
172Kb / 2P
   Fast Recovery Rectifier
logo
Diode Semiconductor Kor...
BYW178 DSK-BYW178 Datasheet
281Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Similar Description - BYW178

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BY228GP SUNMATE-BY228GP Datasheet
223Kb / 2P
   3.0A Axial Leaded Sintered Class Junction Plastic Rectifier
logo
Gulf Semiconductor
1N5554 GULFSEMI-1N5554 Datasheet
110Kb / 2P
   SINTERED GLASS JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
logo
SUNMATE electronic Co.,...
GP20A SUNMATE-GP20A Datasheet
243Kb / 3P
   2.0A Axial Leaded Sintered Glass Passivated Rectifier
BY448GP SUNMATE-BY448GP Datasheet
116Kb / 2P
   2.0A Axial Leaded Sintered Class Junction Plastic Rectifier
logo
Gulf Semiconductor
GUFB30J GULFSEMI-GUFB30J Datasheet
82Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
GUFB30M GULFSEMI-GUFB30M Datasheet
81Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
GP30-15 GULFSEMI-GP30-15 Datasheet
138Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
BY228GP GULFSEMI-BY228GP Datasheet
139Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
BYW178 GULFSEMI-BYW178 Datasheet
71Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 800V CURRENT: 3.0A
G4J GULFSEMI-G4J Datasheet
79Kb / 2P
   SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com