Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1005 Datasheet (PDF) - SUNMATE electronic Co., LTD

UF1005 Datasheet PDF - SUNMATE electronic Co., LTD
Part # UF1005
Download  UF1005 Download

File Size   78.27 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 1.0A Axial Leaded Ultrafast Diode

UF1005 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF1005 Datasheet PDF - SUNMATE electronic Co., LTD

Part # UF1005
Download  UF1005 Click to download

File Size   78.27 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 1.0A Axial Leaded Ultrafast Diode

UF1005 Datasheet (HTML) - SUNMATE electronic Co., LTD

UF1005 Datasheet HTML 1Page - SUNMATE electronic Co., LTD UF1005 Datasheet HTML 2Page - SUNMATE electronic Co., LTD

UF1005 Product details

Features
● Glass Passivated Die Construction
● Ultra-Fast Switching
● High Current Capability
● Low Reverse Leakage Current
● High Surge Current Capability
● Plastic Material has UL Flammability Classification 94V-O




Similar Part No. - UF1005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF1005 DIODES-UF1005 Datasheet
62Kb / 2P
   1.0A ULTRA-FAST RECTIFIER
DS25002 Rev. D1-2
logo
Fuji Electric
UF1005 FUJI-UF1005 Datasheet
759Kb / 1P
   1 AMP ULTRA FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
UF1005 DIODES-UF1005 Datasheet
419Kb / 3P
   1.0A ULTRA-FAST RECTIFIER
DS25002 Rev. 11 - 2
logo
Compact Technology Corp...
UF1005 CTC-UF1005 Datasheet
41Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Gulf Semiconductor
UF1005 GULFSEMI-UF1005 Datasheet
151Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
More results


Similar Description - UF1005

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SB120 SUNMATE-SB120 Datasheet
134Kb / 2P
   1.0A Axial Leaded Schottky Barrier Diode
SR120 SUNMATE-SR120 Datasheet
189Kb / 2P
   1.0A Axial Leaded Schottky Barrier Diode
UF2001 SUNMATE-UF2001 Datasheet
78Kb / 2P
   2.0A Axial Leaded Ultrafast Diode
ERA32-01 SUNMATE-ERA32-01 Datasheet
169Kb / 2P
   1.0A Axial Leaded Rectifier
logo
Won-Top Electronics
UF4001 WTE-UF4001_06 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
1H1 WTE-1H1_06 Datasheet
50Kb / 4P
   1.0A ULTRAFAST DIODE
HER101 WTE-HER101_06 Datasheet
51Kb / 4P
   1.0A ULTRAFAST DIODE
logo
SUNMATE electronic Co.,...
BYV26A SUNMATE-BYV26A Datasheet
155Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
MUR105 SUNMATE-MUR105 Datasheet
111Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
EGP10A SUNMATE-EGP10A Datasheet
146Kb / 2P
   1.0A Axial Leaded High Efficiency Rectifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com