![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
IRF330 - TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=1.00ohm, Id=5.5A) - International Rectifier |
|
Click Here View IRF330 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| J111 | N-channel silicon field-effect transistors | NXP Semiconductors |
| SD2932 | RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs | STMicroelectronics |
| STH8N80 | N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS | STMicroelectronics |
| MRF18090BR3 | RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs | Freescale Semiconductor, Inc |
| JANTX2N6760 | POWER MOSFET N-CHANNEL BVdss=400V Rds on =1.00ohm Id=5.5A | International Rectifier |
| J210 | N-channel field-effect transistors | NXP Semiconductors |
| SD2933 | RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs | STMicroelectronics |
| MRF19045LR3 | RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs | Motorola, Inc |
| MRF5S19100HR3 | The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs | Motorola, Inc |
| BFR30 | N-channel field-effect transistors | NXP Semiconductors |
Link URL |
|
|
Related keyword |
| IRF330 Datasheet | IRF330 Cross Reference | IRF330 Schematic | IRF330 Distributor | IRF330 Datenblatt | IRF330 RoHS |
| IRF330 Equivalent | IRF330 Application Notes | IRF330 Data Sheet | IRF330 component | IRF330 Fiche Technique | IRF330 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |