Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3708 Datasheet (PDF) - International Rectifier

IRF3708 Datasheet PDF - International Rectifier
Part # IRF3708
Download  IRF3708 Download

File Size   138.88 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)

IRF3708 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF3708 Datasheet PDF - International Rectifier

Part # IRF3708
Download  IRF3708 Click to download

File Size   138.88 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)

IRF3708 Datasheet (HTML) - International Rectifier

IRF3708 Datasheet HTML 1Page - International Rectifier IRF3708 Datasheet HTML 2Page - International Rectifier IRF3708 Datasheet HTML 3Page - International Rectifier IRF3708 Datasheet HTML 4Page - International Rectifier IRF3708 Datasheet HTML 5Page - International Rectifier IRF3708 Datasheet HTML 6Page - International Rectifier IRF3708 Datasheet HTML 7Page - International Rectifier IRF3708 Datasheet HTML 8Page - International Rectifier IRF3708 Datasheet HTML 9Page - International Rectifier IRF3708 Datasheet HTML 10Page - International Rectifier

IRF3708 Product details

Benefits
● Ultra-Low Gate Impedance
● Very Low RDS(on) at 4.5V VGS
● Fully Characterized Avalanche Voltage and Current

Applications
● High Frequency DC-DC Isolated Converters
   with Synchronous Rectification for Telecom
   and Industrial Use
● High Frequency Buck Converters for
   Computer Processor Power




Similar Part No. - IRF3708

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3708 IRF-IRF3708 Datasheet
147Kb / 11P
   High Frequency Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRF3708 KERSEMI-IRF3708 Datasheet
1Mb / 10P
   High Frequency DC-DC Isolated Converters
logo
Inchange Semiconductor ...
IRF3708 ISC-IRF3708 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF3708L IRF-IRF3708L Datasheet
147Kb / 11P
   High Frequency Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRF3708L KERSEMI-IRF3708L Datasheet
1Mb / 10P
   SMPS MOSFET
More results


Similar Description - IRF3708

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7467 IRF-IRF7467 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)
IRF3707 IRF-IRF3707 Datasheet
143Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=62A)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRFZ48V IRF-IRFZ48V Datasheet
111Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRF1010E IRF-IRF1010E Datasheet
195Kb / 8P
   Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?
IRFIZ48V IRF-IRFIZ48V Datasheet
93Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=39A)
IRFZ48VS IRF-IRFZ48VS Datasheet
282Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRF1010ES IRF-IRF1010ES Datasheet
123Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A??
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com