Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3709L Datasheet (PDF) - International Rectifier

IRF3709L Datasheet PDF - International Rectifier
Part # IRF3709L
Download  IRF3709L Download

File Size   121.99 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A??

IRF3709L Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF3709L Datasheet PDF - International Rectifier

Part # IRF3709L
Download  IRF3709L Click to download

File Size   121.99 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A??

IRF3709L Datasheet (HTML) - International Rectifier

Back Button IRF3709L Datasheet HTML 1Page - International Rectifier IRF3709L Datasheet HTML 2Page - International Rectifier IRF3709L Datasheet HTML 3Page - International Rectifier IRF3709L Datasheet HTML 4Page - International Rectifier IRF3709L Datasheet HTML 5Page - International Rectifier IRF3709L Datasheet HTML 6Page - International Rectifier IRF3709L Datasheet HTML 7Page - International Rectifier IRF3709L Datasheet HTML 8Page - International Rectifier IRF3709L Datasheet HTML 9Page - International Rectifier IRF3709L Datasheet HTML 10Page - International Rectifier Next Button 

IRF3709L Product details

SMPS MOSFET

Benefits
● Ultra-Low Gate Impedance
● Very Low RDS(on) at 4.5V VGS
● Fully Characterized Avalanche Voltage and Current

Applications
● High Frequency Isolated DC-DC
   Converters with Synchronous Rectification
   for Telecom and Industrial Use
● High Frequency Buck Converters for
   Server Processor Power Synchronous FET
● Optimized for Synchronous Buck
   Converters Including Capacitive Induced
   Turn-on Immunity




Similar Part No. - IRF3709L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3709LPBF IRF-IRF3709LPBF Datasheet
227Kb / 11P
   SMPS MOSFET
IRF3709LPBF IRF-IRF3709LPBF Datasheet
236Kb / 12P
   High Frequency Buck Converters for Server Processor Power Synchronous FET
More results


Similar Description - IRF3709L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRFR3706 IRF-IRFR3706 Datasheet
133Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A??
IRF3704 IRF-IRF3704 Datasheet
125Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A??
IRFP054V IRF-IRFP054V Datasheet
216Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=9.0mohm, Id=93A??
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRFR3708 IRF-IRFR3708 Datasheet
129Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A??
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
IRF7458 IRF-IRF7458 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=8.0mohm, Id=14A)
IRF7463 IRF-IRF7463 Datasheet
84Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
IRF3703 IRF-IRF3703 Datasheet
95Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A??
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com