Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885010 Datasheet (PDF) - TriQuint Semiconductor

885010 Datasheet PDF - TriQuint Semiconductor
Part # 885010
Download  885010 Download

File Size   657.77 Kbytes
Page   6 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 2442 GHz BAW Filter

885010 Datasheet (PDF)

Go To PDF Page Download Datasheet
885010 Datasheet PDF - TriQuint Semiconductor

Part # 885010
Download  885010 Click to download

File Size   657.77 Kbytes
Page   6 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 2442 GHz BAW Filter

885010 Datasheet (HTML) - TriQuint Semiconductor

885010 Datasheet HTML 1Page - TriQuint Semiconductor 885010 Datasheet HTML 2Page - TriQuint Semiconductor 885010 Datasheet HTML 3Page - TriQuint Semiconductor 885010 Datasheet HTML 4Page - TriQuint Semiconductor 885010 Datasheet HTML 5Page - TriQuint Semiconductor 885010 Datasheet HTML 6Page - TriQuint Semiconductor



Similar Part No. - 885010

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
885012004001 WURTH-885012004001 Datasheet
446Kb / 8P
   WCAP-CSGP Ceramic Capacitors 0201
001.001
885012004002 WURTH-885012004002 Datasheet
519Kb / 8P
   WCAP-CSGP Ceramic Capacitors 0201
001.000
885012004003 WURTH-885012004003 Datasheet
443Kb / 8P
   WCAP-CSGP Ceramic Capacitors 0201
001.000
885012004004 WURTH-885012004004 Datasheet
443Kb / 8P
   WCAP-CSGP Ceramic Capacitors 0201
001.000
885012004005 WURTH-885012004005 Datasheet
443Kb / 8P
   WCAP-CSGP Ceramic Capacitors 0201
001.000
More results


Similar Description - 885010

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2621A TAI-SAW-TA2621A Datasheet
914Kb / 11P
   BAW Filter 2442 MHz SMD 1109(BW=79MHz)
TA2621C TAI-SAW-TA2621C Datasheet
914Kb / 11P
   BAW Filter 2442 MHz SMD 1109(BW=79MHz)
logo
TriQuint Semiconductor
885008 TRIQUINT-885008_15 Datasheet
640Kb / 6P
   2440 GHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2105B TAI-SAW-TA2105B Datasheet
513Kb / 10P
   BAW Filter 2442 MHz SMD 1.1X0.9 mm (BW=79 MHz)
TA2105C TAI-SAW-TA2105C Datasheet
513Kb / 10P
   BAW Filter 2442 MHz SMD 1.1X0.9 mm (BW=79 MHz)
TA2105A TAI-SAW-TA2105A Datasheet
513Kb / 10P
   BAW Filter 2442 MHz SMD 1.1X0.9 mm (BW=79 MHz)
TA2105E TAI-SAW-TA2105E Datasheet
523Kb / 10P
   BAW Filter 2442 MHz SMD 1.1X0.9 mm (BW=79 MHz)
logo
Skyworks Solutions Inc.
SKY33100-360LF SKYWORKS-SKY33100-360LF Datasheet
293Kb / 5P
   BAW Band Pass Filter 2.4 GHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0222B TAI-SAW-TA0222B Datasheet
274Kb / 9P
   SAW Filter 2442 MHz
logo
TriQuint Semiconductor
885024 TRIQUINT-885024_15 Datasheet
451Kb / 6P
   1960 MHz BAW Filter
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com