Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885014 Datasheet (PDF) - TriQuint Semiconductor

885014 Datasheet PDF - TriQuint Semiconductor
Part # 885014
Download  885014 Download

File Size   492.68 Kbytes
Page   6 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 2332.5 MHz BAW Filter

885014 Datasheet (PDF)

Go To PDF Page Download Datasheet
885014 Datasheet PDF - TriQuint Semiconductor

Part # 885014
Download  885014 Click to download

File Size   492.68 Kbytes
Page   6 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 2332.5 MHz BAW Filter

885014 Datasheet (HTML) - TriQuint Semiconductor

885014 Datasheet HTML 1Page - TriQuint Semiconductor 885014 Datasheet HTML 2Page - TriQuint Semiconductor 885014 Datasheet HTML 3Page - TriQuint Semiconductor 885014 Datasheet HTML 4Page - TriQuint Semiconductor 885014 Datasheet HTML 5Page - TriQuint Semiconductor 885014 Datasheet HTML 6Page - TriQuint Semiconductor



Similar Part No. - 885014

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
885010 TRIQUINT-885010 Datasheet
657Kb / 6P
   2442 GHz BAW Filter
885010-EVB TRIQUINT-885010-EVB Datasheet
657Kb / 6P
   2442 GHz BAW Filter
885010 TRIQUINT-885010_15 Datasheet
657Kb / 6P
   2442 GHz BAW Filter
logo
Wurth Elektronik GmbH &...
885012004001 WURTH-885012004001 Datasheet
446Kb / 8P
   WCAP-CSGP Ceramic Capacitors 0201
001.001
885012004002 WURTH-885012004002 Datasheet
519Kb / 8P
   WCAP-CSGP Ceramic Capacitors 0201
001.000
More results


Similar Description - 885014

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
885216 QORVO-885216 Datasheet
481Kb / 6P
   2332.5 MHz Baw Filter
logo
TriQuint Semiconductor
856604 TRIQUINT-856604_15 Datasheet
493Kb / 7P
   2332.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2110A TAI-SAW-TA2110A Datasheet
297Kb / 8P
   SAW Filter 2332.5 MHz
TA0273C TAI-SAW-TA0273C Datasheet
619Kb / 8P
   SAW Filter 2332.5 MHz
logo
TriQuint Semiconductor
885024 TRIQUINT-885024_15 Datasheet
451Kb / 6P
   1960 MHz BAW Filter
880371 TRIQUINT-880371_15 Datasheet
112Kb / 5P
   915 MHz BAW Filter
880367 TRIQUINT-880367 Datasheet
111Kb / 5P
   1030 MHz BAW Filter
logo
Qorvo, Inc
880543 QORVO-880543 Datasheet
301Kb / 5P
   428 MHz BAW Filter
885135 QORVO-885135 Datasheet
575Kb / 8P
   2439.5 MHz BAW Filter
880157 QORVO-880157 Datasheet
237Kb / 6P
   2560 MHz BAW Filter
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com