Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885069 Datasheet (PDF) - TriQuint Semiconductor

885069 Datasheet PDF - TriQuint Semiconductor
Part # 885069_15
Download  885069 Download

File Size   265.36 Kbytes
Page   6 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 2350 MHz BAW Filter

885069 Datasheet (PDF)

Go To PDF Page Download Datasheet
885069 Datasheet PDF - TriQuint Semiconductor

Part # 885069_15
Download  885069 Click to download

File Size   265.36 Kbytes
Page   6 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 2350 MHz BAW Filter

885069 Datasheet (HTML) - TriQuint Semiconductor

885069_15 Datasheet HTML 1Page - TriQuint Semiconductor 885069_15 Datasheet HTML 2Page - TriQuint Semiconductor 885069_15 Datasheet HTML 3Page - TriQuint Semiconductor 885069_15 Datasheet HTML 4Page - TriQuint Semiconductor 885069_15 Datasheet HTML 5Page - TriQuint Semiconductor 885069_15 Datasheet HTML 6Page - TriQuint Semiconductor



Similar Part No. - 885069_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
885069-EVB QORVO-885069-EVB Datasheet
265Kb / 6P
   2350 MHz BAW Filter
More results


Similar Description - 885069_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
885069 QORVO-885069 Datasheet
265Kb / 6P
   2350 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2404B TAI-SAW-TA2404B Datasheet
1Mb / 11P
   BAW TRX Filter 2350 MHz Band40 SMD 1109(BW=100MHz)
TA2404A TAI-SAW-TA2404A Datasheet
1Mb / 11P
   BAW TRX Filter 2350 MHz Band40 SMD 1109(BW=100MHz)
TA0913A TAI-SAW-TA0913A Datasheet
352Kb / 7P
   SAW Filter 2350 MHz
logo
RF Monolithics, Inc
SF2173E RFM-SF2173E Datasheet
410Kb / 5P
   2350 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2173E MURATA-SF2173E Datasheet
410Kb / 5P
   2350 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0913B TAI-SAW-TA0913B Datasheet
352Kb / 8P
   SAW Filter 2350 MHz
logo
TriQuint Semiconductor
885024 TRIQUINT-885024_15 Datasheet
451Kb / 6P
   1960 MHz BAW Filter
880371 TRIQUINT-880371_15 Datasheet
112Kb / 5P
   915 MHz BAW Filter
880367 TRIQUINT-880367 Datasheet
111Kb / 5P
   1030 MHz BAW Filter
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com