Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7141EL-1A-E4 Datasheet (PDF) - Renesas Technology Corp

PS7141EL-1A-E4 Datasheet PDF - Renesas Technology Corp
Part # PS7141EL-1A-E4
Download  PS7141EL-1A-E4 Download

File Size   233.42 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET

PS7141EL-1A-E4 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7141EL-1A-E4 Datasheet PDF - Renesas Technology Corp

Part # PS7141EL-1A-E4
Download  PS7141EL-1A-E4 Click to download

File Size   233.42 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET

PS7141EL-1A-E4 Datasheet (HTML) - Renesas Technology Corp

Back Button PS7141EL-1A-E4 Datasheet HTML 1Page - Renesas Technology Corp PS7141EL-1A-E4 Datasheet HTML 2Page - Renesas Technology Corp PS7141EL-1A-E4 Datasheet HTML 3Page - Renesas Technology Corp PS7141EL-1A-E4 Datasheet HTML 4Page - Renesas Technology Corp PS7141EL-1A-E4 Datasheet HTML 5Page - Renesas Technology Corp PS7141EL-1A-E4 Datasheet HTML 6Page - Renesas Technology Corp PS7141EL-1A-E4 Datasheet HTML 7Page - Renesas Technology Corp PS7141EL-1A-E4 Datasheet HTML 8Page - Renesas Technology Corp PS7141EL-1A-E4 Datasheet HTML 9Page - Renesas Technology Corp PS7141EL-1A-E4 Datasheet HTML 10Page - Renesas Technology Corp Next Button 



Similar Part No. - PS7141EL-1A-E4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7141EL-1A-E4 CEL-PS7141EL-1A-E4 Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7141EL-1A-E4 NEC-PS7141EL-1A-E4 Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141EL-1A-E4 RENESAS-PS7141EL-1A-E4 Datasheet
226Kb / 16P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
logo
California Eastern Labs
PS7141EL-1A-E4-A CEL-PS7141EL-1A-E4-A Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7141EL-1A-E4-A NEC-PS7141EL-1A-E4-A Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
More results


Similar Description - PS7141EL-1A-E4

ManufacturerPart #DatasheetDescription
logo
NEC
PS7141E-1A NEC-PS7141E-1A Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7141E-1A CEL-PS7141E-1A Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7141-1A CEL-PS7141-1A Datasheet
356Kb / 11P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7142-1A CEL-PS7142-1A Datasheet
482Kb / 10P
   NECs 6-PIN DIP 400V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
logo
NEC
PS7241-2A NEC-PS7241-2A Datasheet
97Kb / 12P
   8-PIN SOP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7360-1A CEL-PS7360-1A Datasheet
201Kb / 14P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
NEC
PS7341-1A NEC-PS7341-1A Datasheet
107Kb / 14P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7342-1A RENESAS-PS7342-1A Datasheet
257Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com