![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
IRLI2203G - Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A¨ë) - International Rectifier |
|
Click Here View IRLI2203G Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SHD225701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | Sensitron |
| SHD244702 | LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | Sensitron |
| SBF50P10-023L | RAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | Sensitron |
| SHD224701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | Sensitron |
| STRM6511 | OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT | Allegro MicroSystems |
| MMDF3207 | DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS | Motorola, Inc |
| MMSF3205 | SINGLE TMOS POWER MOSFET 11 AMPERES 20 VOLTS | Motorola, Inc |
| MRF154 | N-CHANNEL BROADBAND RF POWER MOSFET | Motorola, Inc |
| IRLML6402TR | HEXFET Power MOSFET | International Rectifier |
| NTGS3441T1 | Power MOSFET 1 Amp 20 Volts | ON Semiconductor |
Link URL |
|
|
Related keyword |
| IRLI2203G Datasheet | IRLI2203G Cross Reference | IRLI2203G Schematic | IRLI2203G Distributor | IRLI2203G Datenblatt | IRLI2203G RoHS |
| IRLI2203G Equivalent | IRLI2203G Application Notes | IRLI2203G Data Sheet | IRLI2203G component | IRLI2203G Fiche Technique | IRLI2203G Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |