Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLZ44 Datasheet (PDF) - International Rectifier

IRLZ44 Datasheet PDF - International Rectifier
Part # IRLZ44
Download  IRLZ44 Download

File Size   169.74 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)

IRLZ44 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLZ44 Datasheet PDF - International Rectifier

Part # IRLZ44
Download  IRLZ44 Click to download

File Size   169.74 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)

IRLZ44 Datasheet (HTML) - International Rectifier

IRLZ44 Datasheet HTML 1Page - International Rectifier IRLZ44 Datasheet HTML 2Page - International Rectifier IRLZ44 Datasheet HTML 3Page - International Rectifier IRLZ44 Datasheet HTML 4Page - International Rectifier IRLZ44 Datasheet HTML 5Page - International Rectifier IRLZ44 Datasheet HTML 6Page - International Rectifier

IRLZ44 Product details

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.

• Dynamic dV/dt Rating
• Logic-Level Gate Drive
• RDS(on) Specified at VGS = 4V & 5V
• 175 °C Operating Temperature
• Fast Switching
• Ease of Paralleling
• simple Drive Requirements




Similar Part No. - IRLZ44

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRLZ44 SAMSUNG-IRLZ44 Datasheet
209Kb / 4P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
Vishay Siliconix
IRLZ44 VISHAY-IRLZ44 Datasheet
1Mb / 8P
   Power MOSFET
S-81274-Rev. A, 16-Jun-08
IRLZ44 VISHAY-IRLZ44 Datasheet
1Mb / 9P
   Power MOSFET
Rev. C, 21-Mar-11
IRLZ44 VISHAY-IRLZ44 Datasheet
1Mb / 9P
   Power MOSFET
Rev. C, 21-Mar-11
logo
ARTSCHIP ELECTRONICS CO...
IRLZ44 ARTSCHIP-IRLZ44 Datasheet
240Kb / 4P
   N-CHANNEL LOGIC LEVEL MOSFET
More results


Similar Description - IRLZ44

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLZ44S IRF-IRLZ44S Datasheet
282Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRFZ44R IRF-IRFZ44R Datasheet
153Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRCZ44 IRF-IRCZ44 Datasheet
132Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
IRFP044 IRF-IRFP044 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=57A)
IRFZ48R IRF-IRFZ48R Datasheet
136Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=50*A)
IRFP054 IRF-IRFP054 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.014ohm, Id=70*A)
IRFP064 IRF-IRFP064 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.009ohm, Id=70*A)
IRF5N3710 IRF-IRF5N3710 Datasheet
116Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com