![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
JANTXV2N6798 - POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=5.5A) - International Rectifier |
|
Click Here View JANTXV2N6798 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SHD224701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | Sensitron |
| SHD225701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | Sensitron |
| MRF151 | N-CHANNEL BROADBAND RF POWER MOSFET | Motorola, Inc |
| 2SK3596-01L | N-CHANNEL SILICON POWER MOSFET | Fuji Electric |
| 2SK3588-01L | N-CHANNEL SILICON POWER MOSFET | Fuji Electric |
| STB14NF10 | N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET¢â II POWER MOSFET | STMicroelectronics |
| STB80NE03L-06 | N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET¢â POWER MOSFET | STMicroelectronics |
| STD50NH02L | N-CHANNEL 24V - 0.0085 ohm - 50A DPAK/IPAK STripFET¢â III POWER MOSFET | STMicroelectronics |
| IRFM1310ST | N-CHANNEL POWER MOSFET | Seme LAB |
| STP20NM60 | N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET | STMicroelectronics |
Link URL |
|
|
Related keyword |
| JANTXV2N6798 Datasheet | JANTXV2N6798 Cross Reference | JANTXV2N6798 Schematic | JANTXV2N6798 Distributor | JANTXV2N6798 Datenblatt | JANTXV2N6798 RoHS |
| JANTXV2N6798 Equivalent | JANTXV2N6798 Application Notes | JANTXV2N6798 Data Sheet | JANTXV2N6798 component | JANTXV2N6798 Fiche Technique | JANTXV2N6798 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |