![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
JANTXV2N6800 - POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=1.0ohm, Id=3.0A) - International Rectifier |
|
Click Here View JANTXV2N6800 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SHD224701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | Sensitron |
| SHD225701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | Sensitron |
| STT5NF30L | N-CHANNEL 30V - 0.039W - 4A SOT23-6L STripFET II POWER MOSFET | STMicroelectronics |
| MRF141G | N-CHANNEL BROADBAND RF POWER MOSFET | Motorola, Inc |
| SD1905 | HF/VHF POWER MOSFET N-Channel Enhancement Mode | Advanced Semiconductor |
| DV2805 | VHF POWER MOSFET N-Channel Enhancement Mode | Advanced Semiconductor |
| STB90NF3LL | N-CHANNEL 30V - 0.0048 ohm - 80A D2PAK LOW GATE CHARGE STripFET¢â II POWER MOSFET | STMicroelectronics |
| STD150NH02L | N-CHANNEL 24V - 0.003 ohm - 150A ClipPAK¢â/IPAK STripFET¢â III POWER MOSFET | STMicroelectronics |
| STD38NH02L | N-CHANNEL 24V - 0.011 ohm - 38A DPAK/IPAK STripFET¢â III POWER MOSFET | STMicroelectronics |
| AF9928N | N-Channel Enhancement Mode Power MOSFET | Anachip Corp |
Link URL |
|
|
Related keyword |
| JANTXV2N6800 Datasheet | JANTXV2N6800 Cross Reference | JANTXV2N6800 Schematic | JANTXV2N6800 Distributor | JANTXV2N6800 Datenblatt | JANTXV2N6800 RoHS |
| JANTXV2N6800 Equivalent | JANTXV2N6800 Application Notes | JANTXV2N6800 Data Sheet | JANTXV2N6800 component | JANTXV2N6800 Fiche Technique | JANTXV2N6800 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |