![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
JANTXV2N6802 - POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=1.5ohm, Id=2.5A) - International Rectifier |
|
Click Here View JANTXV2N6802 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SHD225701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | Sensitron |
| SHD224701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | Sensitron |
| STD100NH02L | N-channel 24V - 0.0042§Ù - 60A - DPAK - IPAK STripFET¢â II Power MOSFET | STMicroelectronics |
| AP4936M | N-CHANNEL ENHANCEMENT MODE POWER MOSFET | Advanced Power Technology |
| STD12NF06 | N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET¢â II POWER MOSFET | STMicroelectronics |
| NTF3055-160 | Power MOSFET 2.0 Amps 60 Volts N-Channel SOT-223 | ON Semiconductor |
| STD35NF3LL | N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET¢â II POWER MOSFET | STMicroelectronics |
| STN2NE10L | N-CHANNEL 100V - 0.33ohm - 2A SOT-223 STripFET POWER MOSFET | STMicroelectronics |
| 2SK3501-01 | N-CHANNEL SILICON POWER MOSFET | Fuji Electric |
| STP14NF06 | N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET¢â POWER MOSFET | STMicroelectronics |
Link URL |
|
|
Related keyword |
| JANTXV2N6802 Datasheet | JANTXV2N6802 Cross Reference | JANTXV2N6802 Schematic | JANTXV2N6802 Distributor | JANTXV2N6802 Datenblatt | JANTXV2N6802 RoHS |
| JANTXV2N6802 Equivalent | JANTXV2N6802 Application Notes | JANTXV2N6802 Data Sheet | JANTXV2N6802 component | JANTXV2N6802 Fiche Technique | JANTXV2N6802 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |