![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
JANTXV2N6804 - POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-11A) - International Rectifier |
|
Click Here View JANTXV2N6804 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SHD244702 | LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | Sensitron |
| SBF50P10-023L | RAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | Sensitron |
| IRFN9240 | POWER MOSFET N-CHANNEL BVdss=-200V Rds on =0.51ohm Id=-11A | International Rectifier |
| UPA2718GR | SWITCHING P-CHANNEL POWER MOSFET | NEC |
| STS6PF30L | P-CHANNEL 30V - 0.027 ohm - 6A SO-8 STripFET¢â POWER MOSFET | STMicroelectronics |
| STT2PF60L | P-CHANNEL 60V - 0.20 ohm - 2A SOT23-6L STripFET¢â II POWER MOSFET | STMicroelectronics |
| SSM2301N | P-CHANNEL ENHANCEMENT-MODE POWER MOSFET | ETC |
| IRFE9230 | P-CHANNEL POWER MOSFET | Seme LAB |
| IRFN9240SMD | P-CHANNEL POWER MOSFET | Seme LAB |
| RFP10P03L | 10A 30V 0.200 ohm Logic Level P-Channel Power MOSFET | Harris Corporation |
Link URL |
|
|
Related keyword |
| JANTXV2N6804 Datasheet | JANTXV2N6804 Cross Reference | JANTXV2N6804 Schematic | JANTXV2N6804 Distributor | JANTXV2N6804 Datenblatt | JANTXV2N6804 RoHS |
| JANTXV2N6804 Equivalent | JANTXV2N6804 Application Notes | JANTXV2N6804 Data Sheet | JANTXV2N6804 component | JANTXV2N6804 Fiche Technique | JANTXV2N6804 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |