![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
JANTXV2N6806 - POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.80ohm, Id=-6.5A) - International Rectifier |
|
Click Here View JANTXV2N6806 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SHD244702 | LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | Sensitron |
| SBF50P10-023L | RAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | Sensitron |
| JANTX2N6849 | POWER MOSFET P-CHANNEL BVdss=-100V Rds on =0.30ohm Id=-6.5A | International Rectifier |
| FDM606P | P-Channel 1.8V Logic Level Power Trench MOSFET | Fairchild Semiconductor |
| AAT7157 | 20V P-Channel Power MOSFET | Advanced Analogic Technologies |
| UPA2717GR | SWITCHING P-CHANNEL POWER MOSFET | NEC |
| STS4DPF20L | DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET¢â POWER MOSFET | STMicroelectronics |
| STS7C4F30L | N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET¢â POWER MOSFET | STMicroelectronics |
| STT3PF20V | P-CHANNEL 20V - 0.14 ohm - 2.2A SOT23-6L 2.7-DRIVE STripFET¢â II POWER MOSFET | STMicroelectronics |
| MGSF1P02ELT1 | Power MOSFET 750 mAmps 20 Volts P-Channel SOT-23 | ON Semiconductor |
Link URL |
|
|
Related keyword |
| JANTXV2N6806 Datasheet | JANTXV2N6806 Cross Reference | JANTXV2N6806 Schematic | JANTXV2N6806 Distributor | JANTXV2N6806 Datenblatt | JANTXV2N6806 RoHS |
| JANTXV2N6806 Equivalent | JANTXV2N6806 Application Notes | JANTXV2N6806 Data Sheet | JANTXV2N6806 component | JANTXV2N6806 Fiche Technique | JANTXV2N6806 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |