![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
JANTXV2N6845 - POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.60ohm, Id=-4.0A) - International Rectifier |
|
Click Here View JANTXV2N6845 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SBF50P10-023L | RAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | Sensitron |
| SHD244702 | LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | Sensitron |
| AAT8303 | 20V P-Channel Power MOSFET | Advanced Analogic Technologies |
| STS10PF30L | P-CHANNEL 30V - 0.012Ohm - 10A SO-8 STripFET II POWER MOSFET | STMicroelectronics |
| UPA2730TP | SWITCHING P-CHANNEL POWER MOSFET | NEC |
| STS7PF30L | P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET¢â II POWER MOSFET | STMicroelectronics |
| IRF9130SMD | P-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS | Seme LAB |
| AF8510C | N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET | Anachip Corp |
| AP2305AGN | P-CHANNEL ENHANCEMENT MODE POWER MOSFET | Advanced Power Electronics Corp. |
| AP2530GY | N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET | Advanced Power Electronics Corp. |
Link URL |
|
|
Related keyword |
| JANTXV2N6845 Datasheet | JANTXV2N6845 Cross Reference | JANTXV2N6845 Schematic | JANTXV2N6845 Distributor | JANTXV2N6845 Datenblatt | JANTXV2N6845 RoHS |
| JANTXV2N6845 Equivalent | JANTXV2N6845 Application Notes | JANTXV2N6845 Data Sheet | JANTXV2N6845 component | JANTXV2N6845 Fiche Technique | JANTXV2N6845 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |