Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA79L18F Datasheet (PDF) - KEC(Korea Electronics)

KIA79L18F Datasheet PDF - KEC(Korea Electronics)
Part # KIA79L18F
Download  KIA79L18F Download

File Size   285.25 Kbytes
Page   14 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description THREE TERMINAL NEGATIVE VOLTAGE REGULATORS

KIA79L18F Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA79L18F Datasheet PDF - KEC(Korea Electronics)

Part # KIA79L18F
Download  KIA79L18F Click to download

File Size   285.25 Kbytes
Page   14 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description THREE TERMINAL NEGATIVE VOLTAGE REGULATORS

KIA79L18F Datasheet (HTML) - KEC(Korea Electronics)

Back Button KIA79L18F Datasheet HTML 1Page - KEC(Korea Electronics) KIA79L18F Datasheet HTML 2Page - KEC(Korea Electronics) KIA79L18F Datasheet HTML 3Page - KEC(Korea Electronics) KIA79L18F Datasheet HTML 4Page - KEC(Korea Electronics) KIA79L18F Datasheet HTML 5Page - KEC(Korea Electronics) KIA79L18F Datasheet HTML 6Page - KEC(Korea Electronics) KIA79L18F Datasheet HTML 7Page - KEC(Korea Electronics) KIA79L18F Datasheet HTML 8Page - KEC(Korea Electronics) KIA79L18F Datasheet HTML 9Page - KEC(Korea Electronics) KIA79L18F Datasheet HTML 10Page - KEC(Korea Electronics) Next Button 

KIA79L18F Product details

THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V

FEATURES
• Best Suited to a Power Supply for TTL and C2-MOS.
• Built-in Overcurrent Protective Circuit.
• Built-in Thermal Protective Circuit.
• Max. Output Current 150mA (Tj=25°C).
• Packaged in Power mini.




Similar Part No. - KIA79L18F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA79L18BP KEC-KIA79L18BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Similar Description - KIA79L18F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
   Three-Terminal Negative Voltage Regulators
logo
Toshiba Semiconductor
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
NEC
UPC79L00 NEC-UPC79L00 Datasheet
286Kb / 10P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS????
logo
Toshiba Semiconductor
TA79L05F TOSHIBA-TA79L05F_06 Datasheet
494Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com