Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1267L Datasheet (PDF) - KEC(Korea Electronics)

KTA1267L Datasheet PDF - KEC(Korea Electronics)
Part # KTA1267L
Download  KTA1267L Download

File Size   308.87 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)

KTA1267L Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA1267L Datasheet PDF - KEC(Korea Electronics)

Part # KTA1267L
Download  KTA1267L Click to download

File Size   308.87 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)

KTA1267L Datasheet (HTML) - KEC(Korea Electronics)

KTA1267L Datasheet HTML 1Page - KEC(Korea Electronics) KTA1267L Datasheet HTML 2Page - KEC(Korea Electronics)

KTA1267L Product details

LOW NOISE AMPLIFIER APPLICATION.

FEATURES
• Excellent hFE Linearity : hFE(0.1mA)/hFE(2mA)=0.95(Typ.).
• Low Noise : NF=0.2dB(Typ.), 3dB(Max.).
• Complementary to KTC3199L




Similar Part No. - KTA1267L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1267 KEC-KTA1267 Datasheet
330Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
SHENZHEN YONGERJIA INDU...
KTA1267 WINNERJOIN-KTA1267 Datasheet
137Kb / 1P
   TRANSISTOR (PNP)
logo
Foshan Blue Rocket Elec...
KTA1267 FOSHAN-KTA1267 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
KTA1267 JIANGSU-KTA1267 Datasheet
505Kb / 4P
   TO-92S Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
KTA1267-GR MCC-KTA1267-GR Datasheet
101Kb / 4P
   PNP General Purpose Application
More results


Similar Description - KTA1267L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1266L KEC-KTA1266L Datasheet
128Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
KTA1517 KEC-KTA1517 Datasheet
529Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
KTA2017 KEC-KTA2017 Datasheet
231Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
BC559 KEC-BC559 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE)
BC307 KEC-BC307 Datasheet
144Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, LOW NOISE AMPLIFIER)
KTA1268 KEC-KTA1268 Datasheet
413Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER, HIGH VOLTAGE)
KTC4666 KEC-KTC4666 Datasheet
323Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
KTC3911 KEC-KTC3911 Datasheet
568Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
KTC4077 KEC-KTC4077 Datasheet
240Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
KTC3198L KEC-KTC3198L Datasheet
131Kb / 1P
   EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com