Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4120 Datasheet (PDF) - Knox Semiconductor, Inc

1N4120 Datasheet PDF - Knox Semiconductor, Inc
Part # 1N4120
Download  1N4120 Download

File Size   37.88 Kbytes
Page   1 Pages
Manufacturer  KNOX [Knox Semiconductor, Inc]
Direct Link  http://www.knoxsemiconductor.com
Logo KNOX - Knox Semiconductor, Inc
Description LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE

1N4120 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4120 Datasheet PDF - Knox Semiconductor, Inc

Part # 1N4120
Download  1N4120 Click to download

File Size   37.88 Kbytes
Page   1 Pages
Manufacturer  KNOX [Knox Semiconductor, Inc]
Direct Link  http://www.knoxsemiconductor.com
Logo KNOX - Knox Semiconductor, Inc
Description LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE

1N4120 Datasheet (HTML) - Knox Semiconductor, Inc

1N4120 Datasheet HTML 1Page - Knox Semiconductor, Inc

1N4120 Product details

1. Package Style DO-7

2. Vz tolerance: ± 5%

3. Forward Voltage (VF) Maximum 1.0 Vdc

   (1N4614 – 1N4627 IF = 100 mA; 1N4099 – 1N4121 IF = 200 mA)

4. Noise Density measured from 1000 to 3000 Hz.

5. MILITARY SCREENING AVAILABLE



 




Similar Part No. - 1N4120

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4120 CDI-DIODE-1N4120 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Micro Commercial Compon...
1N4120 MCC-1N4120 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
logo
Microsemi Corporation
1N4120 MICROSEMI-1N4120 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4120 MICROSEMI-1N4120 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
1N4120 MICROSEMI-1N4120 Datasheet
111Kb / 2P
   LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS
More results


Similar Description - 1N4120

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
1N4678 KNOX-1N4678 Datasheet
36Kb / 1P
   LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
logo
TAITRON Components Inco...
1N4614 TAITRON-1N4614 Datasheet
357Kb / 5P
   500mW Low Noise Zener Diodes
logo
Knox Semiconductor, Inc
K120 KNOX-K120 Datasheet
34Kb / 1P
   LOW LEVEL ZENER DIODES VERY LOW VOLTAGE, LOW LEAKAGE
K511 KNOX-K511 Datasheet
33Kb / 1P
   LOW LEVEL ZENER DIODES SHARP KNEE, LOW IMPEDANCE
logo
Microsemi Corporation
1N4099 MICROSEMI-1N4099 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
logo
Vishay Siliconix
MMBZ4617 VISHAY-MMBZ4617 Datasheet
29Kb / 2P
   Silicon Planar Low Noise Zener Diodes.
01-May-02
logo
Jinan Gude Electronic D...
1N4099 JGD-1N4099 Datasheet
181Kb / 2P
   500mW LOW NOISE SILION ZENER DIODES
logo
Microsemi Corporation
1N4099-1 MICROSEMI-1N4099-1 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
1N4099 SEMTECH_ELEC-1N4099 Datasheet
212Kb / 3P
   SILICON PLANAR LOW NOISE ZENER DIODES
logo
Microsemi Corporation
1PMT4614 MICROSEMI-1PMT4614 Datasheet
210Kb / 2P
   LOW NOISE 1 WATT Zener Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com