Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1424A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA1424A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA1424A
Download  TA1424A Download

File Size   153.43 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 1900MHz 40MHz BW SMD 1.4X1.1 mm

TA1424A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA1424A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1424A
Download  TA1424A Click to download

File Size   153.43 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 1900MHz 40MHz BW SMD 1.4X1.1 mm

TA1424A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA1424A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1424A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1424A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1424A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1424A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1424A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1424A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TA1424A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1424A GOLLEDGE-TA1424A Datasheet
238Kb / 7P
   SAW Filter 1900.0MHz
More results


Similar Description - TA1424A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1122B TAI-SAW-TA1122B Datasheet
452Kb / 8P
   SAW Filter 1900MHz SMD 1.4X1.1 mm (BW=40MHz)
TA1122A TAI-SAW-TA1122A Datasheet
171Kb / 8P
   SAW Filter 1900MHz SMD 1.4X1.1 mm (BW=40MHz)
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA2384A TAI-SAW-TA2384A Datasheet
415Kb / 8P
   SAW Filter 677.5MHz SMD 1.4X1.1 mm (BW=26MHz)
TA0918A TAI-SAW-TA0918A Datasheet
151Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
TA1177A TAI-SAW-TA1177A Datasheet
153Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1689A TAI-SAW-TA1689A Datasheet
237Kb / 9P
   SAW Filter 881.5MHz 25MHz BW SMD 1.4X1.1 mm
TA1701A TAI-SAW-TA1701A Datasheet
346Kb / 8P
   SAW Filter 897MHz 34.2MHz BW SMD 1.4X1.1 mm
TA1698A TAI-SAW-TA1698A Datasheet
433Kb / 9P
   SAW Filter 2140MHz 60MHz BW SMD 1.4X1.1 mm
TA0935A TAI-SAW-TA0935A Datasheet
150Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com