![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
LTC1401I - Complete SO-8, 12-Bit, 200ksps ADC with Shutdown - Linear Technology |
|
Click Here View LTC1401I Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| LTC1400 | Complete SO-8 12-Bit 400ksps ADC with Shutdown | Linear Technology |
| LTC1404 | Complete SO-8 12-Bit 600ksps ADC with Shutdown | Linear Technology |
| MAX1062 | 14-Bit %V 200ksps ADC with 10レA Shutdown | Maxim Integrated Products |
| MAX1162 | 16-Bit +5V 200ksps ADC with 10レA Shutdown | Maxim Integrated Products |
| AD7878 | LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface | Analog Devices |
| LTC1402 | Serial 12-Bit 2.2Msps Sampling ADC with Shutdown | Linear Technology |
| LTC1279 | 12-Bit 600ksps Sampling A/D Converter with Shutdown | Linear Technology |
| ILC6377 | 0.5A 300KHZ SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN | Impala Linear Corporation |
| MAX172 | Complete 10レs CMOS 12-Bit ADC | Maxim Integrated Products |
| MAX191 | Low-Power 12-Bit Sampling ADC with Internal Reference and Power-Down | Maxim Integrated Products |
Link URL |
|
|
Related keyword |
| LTC1401I Datasheet | LTC1401I Cross Reference | LTC1401I Schematic | LTC1401I Distributor | LTC1401I Datenblatt | LTC1401I RoHS |
| LTC1401I Equivalent | LTC1401I Application Notes | LTC1401I Data Sheet | LTC1401I component | LTC1401I Fiche Technique | LTC1401I Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |