Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF2272 Datasheet (PDF) - LOGIC Devices Incorporated

LF2272 Datasheet PDF - LOGIC Devices Incorporated
Part # LF2272
Download  LF2272 Download

File Size   249.64 Kbytes
Page   9 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description Colorspace Converter/Corrector (3 x 12-bits)

LF2272 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF2272 Datasheet PDF - LOGIC Devices Incorporated

Part # LF2272
Download  LF2272 Click to download

File Size   249.64 Kbytes
Page   9 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description Colorspace Converter/Corrector (3 x 12-bits)

LF2272 Datasheet (HTML) - LOGIC Devices Incorporated

LF2272 Datasheet HTML 1Page - LOGIC Devices Incorporated LF2272 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2272 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2272 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2272 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2272 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2272 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2272 Datasheet HTML 8Page - LOGIC Devices Incorporated LF2272 Datasheet HTML 9Page - LOGIC Devices Incorporated

LF2272 Product details

DESCRIPTION
The LF2272 is a high-speed digital colorspace converter/corrector consisting of three simultaneous 12-bit input and output channels for functionality up to 64 Giga (236) colors. Some of the applications the LF2272 can be used for include phosphor colorimetry correction, image capturing and manipulation, composite color encoding/decoding, color matching, and composite color standards conversion/transcoding.

FEATURES
❑ 50 MHz Data and Computation Rate
❑ Full Precision Internal Calculations with Output Rounding
❑ On-board 10-bit Coefficient Storage
❑ Overflow Capability in Low Resolution Applications
❑ Two’s Complement Input and Output Data Format
❑ 3 Simultaneous 12-bit Channels (64 Giga Colors)
❑ Applications:
    • Component Color Standards Translations (RGB, YIQ, YUV)
    • Color-Temperature Conversion
    • Image Capturing and Manipulation
    • Composite Color Encoding/ Decoding
    • Three-Dimensional Perspective Translation
❑ Replaces TRW/Raytheon/Fairchild TMC2272
❑ 120-pin PQFP




Similar Part No. - LF2272

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF227RW MPD-LF227RW Datasheet
174Kb / 2P
   Miniature SMT, 2W Wide Input Range DC/DC Converters
LF227RW MPD-LF227RW Datasheet
268Kb / 2P
   LF200RW SERIES
More results


Similar Description - LF2272

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V12222A OKI-MSM54V12222A Datasheet
246Kb / 14P
   262,214 Words x 12 Bits FIELD MEMORY
logo
List of Unclassifed Man...
ADC812 ETC-ADC812 Datasheet
228Kb / 36P
   Analog to Digital Converter 8 canali 12 bits
logo
Fairchild Semiconductor
TMC2272A FAIRCHILD-TMC2272A Datasheet
177Kb / 20P
   Digital Colorspace Converter 36 Bit Color, 50 MHz
logo
Unisonic Technologies
L8562 UTC-L8562_15 Datasheet
266Kb / 6P
   POWER FACTOR CORRECTOR
logo
List of Unclassifed Man...
6ES7332-5HD01-0AB0 ETC-6ES7332-5HD01-0AB0 Datasheet
59Kb / 4P
   Analog Output Module SM 332; AO 4 x 12 bits;
logo
Elpida Memory
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232AATA-75L-E ELPIDA-EDS1232AATA-75L-E Datasheet
573Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232CASE ELPIDA-EDS1232CASE Datasheet
720Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS2516ADTA-75 ELPIDA-EDS2516ADTA-75 Datasheet
702Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
EDS6432AFTA ELPIDA-EDS6432AFTA Datasheet
704Kb / 49P
   64M bits SDRAM (2M words x 32 bits)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com