Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF3338 Datasheet (PDF) - LOGIC Devices Incorporated

LF3338 Datasheet PDF - LOGIC Devices Incorporated
Part # LF3338
Download  LF3338 Download

File Size   303.85 Kbytes
Page   15 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 8-Bit Vertical Digital Image Filter

LF3338 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF3338 Datasheet PDF - LOGIC Devices Incorporated

Part # LF3338
Download  LF3338 Click to download

File Size   303.85 Kbytes
Page   15 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 8-Bit Vertical Digital Image Filter

LF3338 Datasheet (HTML) - LOGIC Devices Incorporated

Back Button LF3338 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3338 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3338 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3338 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3338 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3338 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3338 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3338 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3338 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3338 Datasheet HTML 10Page - LOGIC Devices Incorporated Next Button 

LF3338 Product details

DESCRIPTION
The LF3338 is a lower cost version of the 12-bit LF3330 and is suited for multimedia and special effects systems, projectors, plasma display panels, scan converters, set-top boxes, and other consumer applications.
This device filters digital images in the vertical dimension at real-time video rates. Input data is 8 bits and coefficient data is 12 bits and both are in two’s complement format. The output is also in two’s complement format and may be rounded to 16 bits.
The filter is an 8-tap FIR filter with all required line buffers contained on chip. The line buffers can store video lines with lengths from 4 to 3076 pixels. Multiple LF3338s can be cascaded together to create larger vertical filters.
Due to the length of the line buffers, interleaved data can be fed directly into the device and filtered without separating the data into individual data streams. The number of inter leaved data sets that the device can handle is limited only by the length of the on-chip line buffers. If the inter leaved video line has 3076 data values or less, the filter can handle it.
The LF3338 contains enough on-board memory to store 256 coefficient sets.
The LF InterfaceTM allows all 256 coefficient sets to be updated within vertical blanking.
Selectable 16-bit data output with user-defined rounding and limiting minimizes the constraints put on coefficient sets for various filter
implementations.

FEATURES
❑ 83 MHz Data Rate
❑ 8-bit Data and 12-bit Coefficients
❑ Supports Interleaved Data Streams
❑ Cascadable for More Filter Taps
❑ Seven 3K x 8-bit, Dynamic Program mable Two-Mode Line Buffers
❑ On-board Memory for 256 Coefficient Sets
❑ LF InterfaceTM Allows All 256 Coefficient Sets to be Updated
   Within Vertical Blanking
❑ Selectable 16-bit Data Output with User-Defined Rounding and Limiting
❑ Separate Input Port for Odd and Even Field Filtering
❑ 8 Filter Taps
❑ 3.3 Volt Power Supply
❑ 5 Volt Tolerant I/O
❑ Purchase Description




Similar Part No. - LF3338

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
LF3330QC12 LODEV-LF3330QC12 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
LF3330QC15 LODEV-LF3330QC15 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
More results


Similar Description - LF3338

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF43881 LODEV-LF43881 Datasheet
82Kb / 11P
   8 x 8-bit Digital Filter
LF3320 LODEV-LF3320 Datasheet
575Kb / 24P
   Horizontal Digital Image Filter
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
   2D Digital Image Filter
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
logo
ON Semiconductor
AR0835HS ONSEMI-AR0835HS Datasheet
1Mb / 70P
   8 Mp CMOS Digital Image Sensor
Rev. D Pub. 5/15 EN
AR0833 ONSEMI-AR0833 Datasheet
1Mb / 64P
   8 Mp CMOS Digital Image Sensor
Rev. H Pub. 4/15 EN
logo
LOGIC Devices Incorpora...
LF2246 LODEV-LF2246 Datasheet
248Kb / 7P
   11 x 10-bit Image Filter
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com