Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4007 Datasheet (PDF) - Leshan Radio Company

1N4007 Datasheet PDF - Leshan Radio Company
Part # 1N4007
Download  1N4007 Download

File Size   48.72 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 1A GENERAL DIODES

1N4007 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4007 Datasheet PDF - Leshan Radio Company

Part # 1N4007
Download  1N4007 Click to download

File Size   48.72 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 1A GENERAL DIODES

1N4007 Datasheet (HTML) - Leshan Radio Company

1N4007 Datasheet HTML 1Page - Leshan Radio Company 1N4007 Datasheet HTML 2Page - Leshan Radio Company

1N4007 Product details

Reverse Voltage 50 to 1200V Forward Current 1.0A

Feature
* Plastic package has Underwriters Laboratories Flammability Classification 94V-0
* Construction utilizes void-free molded plastic technique
* Low reverse leakage
* High forward surge capability
* Diffused junction
* High temperature soldering guaranteed: 260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension




Similar Part No. - 1N4007

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N4007 FCI-1N4007 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
1N4007 KEXIN-1N4007 Datasheet
553Kb / 2P
   Rectifier Diodes
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diodes Incorporated
1N4007 DIODES-1N4007 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
WILLAS ELECTRONIC CORP
1N4007 WILLAS-1N4007 Datasheet
357Kb / 3P
   1.0A AXIAL SILICON RECTIFIERS-50V-1000V DO-41 PACKAGE
More results


Similar Description - 1N4007

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1A1 LRC-1A1 Datasheet
47Kb / 2P
   1A GENERAL DIODES
1N4001E LRC-1N4001E Datasheet
48Kb / 2P
   1A GENERAL DIODES
1N4001G LRC-1N4001G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
logo
Guangdong Kexin Industr...
1N4001 KEXIN-1N4001 Datasheet
37Kb / 1P
   1A Rectifier Diodes
logo
Leshan Radio Company
1F1 LRC-1F1 Datasheet
51Kb / 2P
   1A FAST RECOVERY DIODES
BA157 LRC-BA157 Datasheet
73Kb / 2P
   1A FAST RECOVERY DIODES
FR101 LRC-FR101 Datasheet
52Kb / 2P
   1A FAST RECOVERY DIODES
logo
Shindengen Electric Mfg...
S1NBB80-7062 SHINDENGEN-S1NBB80-7062 Datasheet
728Kb / 5P
   Bridge Diodes 800V, 1A
S1NBB80-7101 SHINDENGEN-S1NBB80-7101 Datasheet
707Kb / 5P
   Bridge Diodes 800V, 1A
logo
Leshan Radio Company
1N4933E LRC-1N4933E Datasheet
55Kb / 2P
   1A FAST RECOVERY DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com