Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDL101T1 Datasheet (PDF) - Leshan Radio Company

MMDL101T1 Datasheet PDF - Leshan Radio Company
Part # MMDL101T1
Download  MMDL101T1 Download

File Size   104.82 Kbytes
Page   3 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Diode

MMDL101T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMDL101T1 Datasheet PDF - Leshan Radio Company

Part # MMDL101T1
Download  MMDL101T1 Click to download

File Size   104.82 Kbytes
Page   3 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Diode

MMDL101T1 Datasheet (HTML) - Leshan Radio Company

MMDL101T1 Datasheet HTML 1Page - Leshan Radio Company MMDL101T1 Datasheet HTML 2Page - Leshan Radio Company MMDL101T1 Datasheet HTML 3Page - Leshan Radio Company

MMDL101T1 Product details

Schottky Barrier Diode

Schottky barrier diodes are designed primarily for high–efficiency UHF and VHF detector applications. Readily available to many other fast switching RF and digital applications.

• Very Low Capacitance — Less than 1.0 pF @ Zero Volts
• Low Noise Figure — 6.0 dB Typ @ 1.0 GHz
• Device Marking: 4M




Similar Part No. - MMDL101T1

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MMDL101T1 ETL-MMDL101T1 Datasheet
110Kb / 3P
   Schottky Barrier Diode
logo
ON Semiconductor
MMDL101T1 ONSEMI-MMDL101T1 Datasheet
54Kb / 3P
   Schottky Barrier Diode
February, 2006 ??Rev. 1
MMDL101T1G ONSEMI-MMDL101T1G Datasheet
54Kb / 3P
   Schottky Barrier Diode
February, 2006 ??Rev. 1
More results


Similar Description - MMDL101T1

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com