Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS7061 Datasheet (PDF) - LSI Computer Systems

LS7061 Datasheet PDF - LSI Computer Systems
Part # LS7061
Download  LS7061 Download

File Size   68.78 Kbytes
Page   7 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description 32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS

LS7061 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS7061 Datasheet PDF - LSI Computer Systems

Part # LS7061
Download  LS7061 Click to download

File Size   68.78 Kbytes
Page   7 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description 32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS

LS7061 Datasheet (HTML) - LSI Computer Systems

LS7061 Datasheet HTML 1Page - LSI Computer Systems LS7061 Datasheet HTML 2Page - LSI Computer Systems LS7061 Datasheet HTML 3Page - LSI Computer Systems LS7061 Datasheet HTML 4Page - LSI Computer Systems LS7061 Datasheet HTML 5Page - LSI Computer Systems LS7061 Datasheet HTML 6Page - LSI Computer Systems LS7061 Datasheet HTML 7Page - LSI Computer Systems

LS7061 Product details

DESCRIPTION:
The LS7061/LS7063 is a monolithic, ion implanted MOS Silicon Gate, 32 bit/dual 16 bit up counter. The IC includes 40 latches, multiplexer, eight three-state binary data output drivers and output cascading logic.

FEATURES:
• DC to 15 MHz Count Frequency
• Byte Multiplexer
• DC to 1 MHz Scan Frequency
• +4.75V to +5.25V Operation (VDD-VSS)
• Latch Provided for External High Speed Counter Byte, Effectively Extending Count Frequency to 3.84GHz
• Three-State Data Outputs, Bus and TTL Compatible
• Inputs TTL and CMOS Compatible
• Unique Cascade Feature Allows Multiplexing of Successive Bytes of Data in Sequence in Multiple Counter Systems
• LS7061, LS7063 (DIP); LS7061-S, LS7063-S (SOIC) (See Figures 1 & 2)




Similar Part No. - LS7061

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7061C LSI-LS7061C Datasheet
88Kb / 7P
   32 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
More results


Similar Description - LS7061

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7060 LSI-LS7060_03 Datasheet
83Kb / 6P
   32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
LS7060 LSI-LS7060 Datasheet
64Kb / 7P
   32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
LS7060C LSI-LS7060C Datasheet
88Kb / 7P
   32 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
logo
Motorola, Inc
SN54LS569A MOTOROLA-SN54LS569A Datasheet
260Kb / 8P
   FOUR-BIT UP/DOWN COUNTER WITH THREE-STATE OUTPUTS
logo
Texas Instruments
SN74LV8154-EP TI1-SN74LV8154-EP Datasheet
562Kb / 15P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTER WITH 3-STATE OUTPUT REGISTERS
logo
National Semiconductor ...
54F579 NSC-54F579 Datasheet
197Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
54F779 NSC-54F779 Datasheet
176Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Texas Instruments
74AC11590 TI1-74AC11590_09 Datasheet
144Kb / 10P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F579 FAIRCHILD-74F579_00 Datasheet
84Kb / 8P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com