Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-358 Datasheet (PDF) - Tyco Electronics

AT-358 Datasheet PDF - Tyco Electronics
Part # AT-358
Download  AT-358 Download

File Size   53.35 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1 Bit, 10 dB, GaAs Digital Atten 0.02 - 2 GHz

AT-358 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-358 Datasheet PDF - Tyco Electronics

Part # AT-358
Download  AT-358 Click to download

File Size   53.35 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1 Bit, 10 dB, GaAs Digital Atten 0.02 - 2 GHz

AT-358 Datasheet (HTML) - Tyco Electronics

AT-358 Datasheet HTML 1Page - Tyco Electronics AT-358 Datasheet HTML 2Page - Tyco Electronics



Similar Part No. - AT-358

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-354PIN MACOM-AT-354PIN Datasheet
114Kb / 2P
   Voltage Variable Absorptive Attenuator DC - 2 GHz
AT-357 MACOM-AT-357 Datasheet
34Kb / 2P
   GaAs Digital Attenuator, 31 dB, 5 Bit DC - 2 GHz
logo
M/A-COM Technology Solu...
AT-357 MA-COM-AT-357 Datasheet
61Kb / 3P
   GaAs Digital Attenuator 31 dB, 5 - Bit, DC - 2 GHz
AT-357-SMA MA-COM-AT-357-SMA Datasheet
61Kb / 3P
   GaAs Digital Attenuator
AT-357-SMA MA-COM-AT-357-SMA_15 Datasheet
61Kb / 3P
   GaAs Digital Attenuator
More results


Similar Description - AT-358

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AD310-25 ALPHA-AD310-25 Datasheet
133Kb / 2P
   GaAs IC Bit Digital Attenuator 1 dB LSB DC-2 GHz
logo
Hittite Microwave Corpo...
HMC800LP3E HITTITE-HMC800LP3E Datasheet
480Kb / 6P
   10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
logo
Skyworks Solutions Inc.
AA103-72 SKYWORKS-AA103-72_07 Datasheet
82Kb / 4P
   GaAs IC 1-Bit Digital Attenuator 10 dB LSB LF-2.5 GHz
logo
Alpha Industries
AA103-72 ALPHA-AA103-72 Datasheet
24Kb / 2P
   GaAs IC 1 Bit Digital Attenuator 10 dB LSB DC-2.5 GHz
logo
Hittite Microwave Corpo...
HMC110 HITTITE-HMC110_01 Datasheet
112Kb / 4P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
logo
Alpha Industries
AA210-25 ALPHA-AA210-25 Datasheet
38Kb / 2P
   GaAs IC 4 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AA116-72 SKYWORKS-AA116-72 Datasheet
215Kb / 4P
   GaAs IC 1-Bit Digital Attenuator 15 dB LSB DC-2 GHz
logo
Hittite Microwave Corpo...
HMC801LP3E HITTITE-HMC801LP3E Datasheet
482Kb / 6P
   15 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
HMC802LP3E HITTITE-HMC802LP3E Datasheet
486Kb / 6P
   20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com