Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D8740250GT Datasheet (PDF) - RF Micro Devices

D8740250GT Datasheet PDF - RF Micro Devices
Part # D8740250GT
Download  D8740250GT Download

File Size   264.24 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description GaAs Power Doubler Hybrid40MHz to 870MHz

D8740250GT Datasheet (PDF)

Go To PDF Page Download Datasheet
D8740250GT Datasheet PDF - RF Micro Devices

Part # D8740250GT
Download  D8740250GT Click to download

File Size   264.24 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description GaAs Power Doubler Hybrid40MHz to 870MHz

D8740250GT Datasheet (HTML) - RF Micro Devices

D8740250GT Datasheet HTML 1Page - RF Micro Devices D8740250GT Datasheet HTML 2Page - RF Micro Devices D8740250GT Datasheet HTML 3Page - RF Micro Devices

D8740250GT Product details

GaAs Power Doubler Hybrid 40MHz to 870MHz

The D8740250GT is a Hybrid Power Doubler amplifier module. The part employs GaAs die and is operated from 40MHz to 870MHz. It provides excellent linearity and superior return loss performance with low noise and optimal reliability.

Features
■ Excellent Linearity
■ Superior Return Loss Performance
■ Extremely Low Distortion
■ Optimal Reliability
■ Low Noise
■ Unconditionally Stable Under All Terminations
■ 25.0dB Min. Gain at 870MHz
■ 375mA Max. at 24VDC

Applications
■ 40MHz to 870MHz CATV Amplifier Systems




Similar Part No. - D8740250GT

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
D8740250GT PDI-D8740250GT Datasheet
62Kb / 4P
   GaAs Power Doubler, 40 - 870MHz, 25.0dB min. Gain @ 870MHz, 375mA max. @ 24VDC
D8740250GTH PDI-D8740250GTH Datasheet
63Kb / 4P
   GaAs Power Doubler, 40 - 870MHz, 25.0dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC
logo
RF Micro Devices
D8740250GTH RFMD-D8740250GTH Datasheet
271Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 870MHz
More results


Similar Description - D8740250GT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
D8740250GTH RFMD-D8740250GTH Datasheet
271Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 870MHz
D8740200GT RFMD-D8740200GT Datasheet
264Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 870MHz
D8740320GTH RFMD-D8740320GTH Datasheet
268Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 870MHz
D8740200GTH RFMD-D8740200GTH Datasheet
271Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 870MHz
D8740220GTH RFMD-D8740220GTH Datasheet
271Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 870MHz
D8740240GT RFMD-D8740240GT Datasheet
264Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 870MHz
D8740300GTH RFMD-D8740300GTH Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 870MHz
D8740220GT RFMD-D8740220GT Datasheet
264Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 870MHz
D8740320GT RFMD-D8740320GT Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 870MHz
D8740240GTH RFMD-D8740240GTH Datasheet
271Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 870MHz
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com