Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

220954B Datasheet (PDF) - Integrated Technology Future

220954B Datasheet PDF - Integrated Technology Future
Part # 220954B
Download  220954B Download

File Size   206.13 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description Typical 1dB bandwidth of 9.2 MHz

220954B Datasheet (PDF)

Go To PDF Page Download Datasheet
220954B Datasheet PDF - Integrated Technology Future

Part # 220954B
Download  220954B Click to download

File Size   206.13 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description Typical 1dB bandwidth of 9.2 MHz

220954B Datasheet (HTML) - Integrated Technology Future

220954B Datasheet HTML 1Page - Integrated Technology Future 220954B Datasheet HTML 2Page - Integrated Technology Future



Similar Part No. - 220954B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
220952B ITF-220952B Datasheet
188Kb / 2P
   Typical 1dB bandwidth of 9.5 MHz
220953B ITF-220953B Datasheet
194Kb / 2P
   Typical 1dB bandwidth of 9.5 MHz
logo
Molex Electronics Ltd.
2209570101 MOLEX-2209570101 Datasheet
445Kb / 2P
   SPE IP20 1X2XAWG26 / 19 PUR 0,2M
2022/11/02
2209570102 MOLEX-2209570102 Datasheet
445Kb / 2P
   SPE IP20 1X2XAWG26 / 19 PUR 0,2M
2022/11/02
2209570103 MOLEX-2209570103 Datasheet
445Kb / 2P
   SPE IP20 1X2XAWG26 / 19 PUR 0,2M
2022/11/02
More results


Similar Description - 220954B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
250962B ITF-250962B Datasheet
175Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
250959B ITF-250959B Datasheet
189Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
250963B ITF-250963B Datasheet
174Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
250918B ITF-250918B Datasheet
186Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
250919B ITF-250919B Datasheet
181Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
250927B ITF-250927B Datasheet
168Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
211002B ITF-211002B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 9.8 MHz
231654B ITF-231654B Datasheet
170Kb / 2P
   Typical 1dB bandwidth of 15.85 MHz
233005B ITF-233005B Datasheet
165Kb / 2P
   Typical 1dB bandwidth of 30.0 MHz
233055B ITF-233055B Datasheet
168Kb / 2P
   Typical 1dB bandwidth of 29.5 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com