Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130126-0025 Datasheet (PDF) - Molex Electronics Ltd.

130126-0025 Datasheet PDF - Molex Electronics Ltd.
Part # 130126-0025
Download  130126-0025 Download

File Size   36.63 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Watertite Two Position Selector Switch, All N.O., 3A, 250V

130126-0025 Datasheet (PDF)

Go To PDF Page Download Datasheet
130126-0025 Datasheet PDF - Molex Electronics Ltd.

Part # 130126-0025
Download  130126-0025 Click to download

File Size   36.63 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Watertite Two Position Selector Switch, All N.O., 3A, 250V

130126-0025 Datasheet (HTML) - Molex Electronics Ltd.

130126-0025 Datasheet HTML 1Page - Molex Electronics Ltd.



Similar Part No. - 130126-0025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130126-0021 MOLEX11-130126-0021 Datasheet
36Kb / 1P
   Super-Safeway Green Pilot Light, Shroud-Mount, 120V
130126-0022 MOLEX11-130126-0022 Datasheet
36Kb / 1P
   Super-Safeway Red Pilot Light, Shroud-Mount, 120V
130126-0023 MOLEX11-130126-0023 Datasheet
36Kb / 1P
   Super-Safeway Yellow/White Pilot Light, Shroud-Mount, 120V
130126-0027 MOLEX11-130126-0027 Datasheet
36Kb / 1P
   Watertite Three Position Maintained Selector Switch, All N.O., 3A, 250V
130126-0028 MOLEX11-130126-0028 Datasheet
36Kb / 1P
   Watertite Two Button Single Speed Switch
More results


Similar Description - 130126-0025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301260025 MOLEX1-1301260025_17 Datasheet
37Kb / 1P
   Watertite Two Position Selector Switch, All N.O., 3A, 250V
1301260025 MOLEX11-1301260025 Datasheet
36Kb / 1P
   Watertite Two Position Selector Switch, All N.O., 3A, 250V
1301260027 MOLEX1-1301260027_17 Datasheet
37Kb / 1P
   Watertite Three Position Maintained Selector Switch, All N.O., 3A, 250V
130126-0027 MOLEX11-130126-0027 Datasheet
36Kb / 1P
   Watertite Three Position Maintained Selector Switch, All N.O., 3A, 250V
1301260027 MOLEX11-1301260027 Datasheet
36Kb / 1P
   Watertite Three Position Maintained Selector Switch, All N.O., 3A, 250V
1301260031 MOLEX1-1301260031_17 Datasheet
37Kb / 1P
   Watertite Two Button Two Speed Switch, Mechanically Interlocked, 1 N.O. Contact
130126-0031 MOLEX11-130126-0031 Datasheet
44Kb / 1P
   Watertite Two Button Two Speed Switch, Mechanically Interlocked, 1 N.O. Contact Each
130126-0034 MOLEX11-130126-0034 Datasheet
36Kb / 1P
   Watertite Two Maintain Button On/Off Switch, 1 N.O. Contact Each
1301260033 MOLEX1-1301260033_17 Datasheet
37Kb / 1P
   Watertite Two Momentary Button On/Off Switch, 1 N.O. Contact Each
1301260028 MOLEX1-1301260028_17 Datasheet
37Kb / 1P
   Watertite Two Button Single Speed Switch, Mechanically Interlocked, 1 N.O. Contact
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com