Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D10040270GT Datasheet (PDF) - RF Micro Devices

D10040270GT Datasheet PDF - RF Micro Devices
Part # D10040270GT
Download  D10040270GT Download

File Size   265.22 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description GaAs Power Doubler Hybrid 40MHz to 1000MHz

D10040270GT Datasheet (PDF)

Go To PDF Page Download Datasheet
D10040270GT Datasheet PDF - RF Micro Devices

Part # D10040270GT
Download  D10040270GT Click to download

File Size   265.22 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description GaAs Power Doubler Hybrid 40MHz to 1000MHz

D10040270GT Datasheet (HTML) - RF Micro Devices

D10040270GT Datasheet HTML 1Page - RF Micro Devices D10040270GT Datasheet HTML 2Page - RF Micro Devices D10040270GT Datasheet HTML 3Page - RF Micro Devices



Similar Part No. - D10040270GT

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
D10040270GT PDI-D10040270GT Datasheet
134Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 27.0dB min. Gain @ 1GHz, 375mA max. @ 24VDC
logo
Qorvo, Inc
D10040270GT QORVO-D10040270GT Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
PREMIER DEVICES, INC.
D10040270GTH PDI-D10040270GTH Datasheet
134Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 27.0dB min. Gain @ 1GHz, 440mA max. @ 24VDC
logo
RF Micro Devices
D10040270GTH RFMD-D10040270GTH Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
D10040270GTH QORVO-D10040270GTH Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
More results


Similar Description - D10040270GT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
D10040180GTH RFMD-D10040180GTH Datasheet
264Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040250GTH RFMD-D10040250GTH Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
D10040270GT QORVO-D10040270GT Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040180GTH QORVO-D10040180GTH Datasheet
264Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
RF Micro Devices
D10040180GT RFMD-D10040180GT Datasheet
228Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040200GT RFMD-D10040200GT Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040240GT RFMD-D10040240GT Datasheet
264Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040250GT RFMD-D10040250GT Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040270GTH RFMD-D10040270GTH Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
D10040200GTH QORVO-D10040200GTH Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
RF Micro Devices
D10040200GTH RFMD-D10040200GTH Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com