Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLB-400 Datasheet (PDF) - RF Micro Devices

NLB-400 Datasheet PDF - RF Micro Devices
Part # NLB-400
Download  NLB-400 Download

File Size   998.46 Kbytes
Page   9 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description Cascadable Broadband GaAs MMIC Amplifier DC to 6GHz

NLB-400 Datasheet (PDF)

Go To PDF Page Download Datasheet
NLB-400 Datasheet PDF - RF Micro Devices

Part # NLB-400
Download  NLB-400 Click to download

File Size   998.46 Kbytes
Page   9 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description Cascadable Broadband GaAs MMIC Amplifier DC to 6GHz

NLB-400 Datasheet (HTML) - RF Micro Devices

NLB-400 Datasheet HTML 1Page - RF Micro Devices NLB-400 Datasheet HTML 2Page - RF Micro Devices NLB-400 Datasheet HTML 3Page - RF Micro Devices NLB-400 Datasheet HTML 4Page - RF Micro Devices NLB-400 Datasheet HTML 5Page - RF Micro Devices NLB-400 Datasheet HTML 6Page - RF Micro Devices NLB-400 Datasheet HTML 7Page - RF Micro Devices NLB-400 Datasheet HTML 8Page - RF Micro Devices NLB-400 Datasheet HTML 9Page - RF Micro Devices



Similar Part No. - NLB-400

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-400 RFMD-NLB-400 Datasheet
263Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
NLB-400-E RFMD-NLB-400-E Datasheet
263Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
NLB-400-T1 RFMD-NLB-400-T1 Datasheet
263Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
More results


Similar Description - NLB-400

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-400 RFMD-NLB-400 Datasheet
263Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
RF3816 RFMD-RF3816 Datasheet
59Kb / 2P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312 Datasheet
210Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312_13 Datasheet
587Kb / 10P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-400 RFMD-NBB-400_13 Datasheet
563Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
NBB-400 RFMD-NBB-400_07 Datasheet
279Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com