Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTC4116FU Datasheet (PDF) - Toshiba Semiconductor

TTC4116FU Datasheet PDF - Toshiba Semiconductor
Part # TTC4116FU
Download  TTC4116FU Download

File Size   216.96 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)

TTC4116FU Datasheet (PDF)

Go To PDF Page Download Datasheet
TTC4116FU Datasheet PDF - Toshiba Semiconductor

Part # TTC4116FU
Download  TTC4116FU Click to download

File Size   216.96 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)

TTC4116FU Datasheet (HTML) - Toshiba Semiconductor

TTC4116FU Datasheet HTML 1Page - Toshiba Semiconductor TTC4116FU Datasheet HTML 2Page - Toshiba Semiconductor TTC4116FU Datasheet HTML 3Page - Toshiba Semiconductor

TTC4116FU Product details

Audio Frequency General Purpose Amplifier Applications

• High voltage and high current: VCEO = 50 V, IC = 150 mA (max)
• Excellent hFE linearity: hFE (IC = 0.1 mA)/hFE (IC = 2 mA) = 0.95 (typ.)
• High hFE: hFE = 120 to 400
• Low noise: NF = 1dB (typ.), 10dB (max)
• Small package




Similar Part No. - TTC4116FU

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TTC MERITEK-TTC Datasheet
921Kb / 9P
   NTC Thermistors
logo
List of Unclassifed Man...
TTC-03 ETC2-TTC-03 Datasheet
255Kb / 1P
   TELECOMMUNICATION COUPLING TRANSFORMER
logo
MERITEK ELECTRONICS COR...
TTC-101J MERITEK-TTC-101J Datasheet
921Kb / 9P
   NTC Thermistors
TTC-101K MERITEK-TTC-101K Datasheet
921Kb / 9P
   NTC Thermistors
TTC-101L MERITEK-TTC-101L Datasheet
921Kb / 9P
   NTC Thermistors
More results


Similar Description - TTC4116FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4905 TOSHIBA-RN4905 Datasheet
162Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN6001 TOSHIBA-RN6001 Datasheet
90Kb / 3P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC1815L-GR TOSHIBA-2SC1815L-GR Datasheet
256Kb / 4P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SD2655 TOSHIBA-2SD2655 Datasheet
70Kb / 2P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
TPCP8505 TOSHIBA-TPCP8505 Datasheet
205Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com