Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH1819-15N Datasheet (PDF) - Tyco Electronics

PH1819-15N Datasheet PDF - Tyco Electronics
Part # PH1819-15N
Download  PH1819-15N Download

File Size   229.53 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Wireless Bipolar Power Transistor, 15W . 1.78 - 1.90 GHz

PH1819-15N Datasheet (PDF)

Go To PDF Page Download Datasheet
PH1819-15N Datasheet PDF - Tyco Electronics

Part # PH1819-15N
Download  PH1819-15N Click to download

File Size   229.53 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Wireless Bipolar Power Transistor, 15W . 1.78 - 1.90 GHz

PH1819-15N Datasheet (HTML) - Tyco Electronics

PH1819-15N Datasheet HTML 1Page - Tyco Electronics PH1819-15N Datasheet HTML 2Page - Tyco Electronics PH1819-15N Datasheet HTML 3Page - Tyco Electronics

PH1819-15N Product details

Wireless Bipolar Power Transistor, 15W 1.78 - 1.90 GHz

Features
• NPN Silicon Microwave Power Transistor
• Designed for Linear Amplifier Applications
• Class AB: -34 dBc Typ 3rd IMD at 15Watts PEP
• Class A:+48 dBm Typ 3rd Order lnrercept Point .
• Common Emitter Configuration
• Internal Input Impedance Matching
• Diffused Emitter Ballasting
• Gold Metallization System




Similar Part No. - PH1819-15N

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH1819-15N MA-COM-PH1819-15N Datasheet
190Kb / 3P
   Wireless Bipolar Power Transistor 15W, 1.78-1.90 GHz
More results


Similar Description - PH1819-15N

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH1819-15N MA-COM-PH1819-15N Datasheet
190Kb / 3P
   Wireless Bipolar Power Transistor 15W, 1.78-1.90 GHz
logo
Tyco Electronics
PH1819-4N MACOM-PH1819-4N Datasheet
224Kb / 3P
   Wireless Bipolar Power Transistor, 4W 1.78 - 1.90 GHz
PH1819-2 MACOM-PH1819-2 Datasheet
268Kb / 4P
   Wireless Bipolar Power Transistor, 2W 1.78 - 1.90 GHz
logo
M/A-COM Technology Solu...
PH1819-10 MA-COM-PH1819-10 Datasheet
202Kb / 3P
   Wireless Bipolar Power Transistor 10W, 1.78-1.90 GHz
logo
Tyco Electronics
PH1819-10 MACOM-PH1819-10 Datasheet
203Kb / 3P
   Wireless Bipolar Power Transistor, 1 OW 1.78 - 1.90 GHz
PH1617-2 MACOM-PH1617-2 Datasheet
283Kb / 4P
   Wireless Bipolar Power Transistor, 2W 1.6 - 1.7 GHz
PH1617-2 MACOM-PH1617-2 Datasheet
199Kb / 4P
   Wireless Bipolar Power Transistor 2W, 16 -1.7 GHz
PH1516-10 MACOM-PH1516-10 Datasheet
264Kb / 4P
   Wireless Bipolar Power Transistor, 10W 1.45 - 1.60 GHz
logo
M/A-COM Technology Solu...
PH1516-60 MA-COM-PH1516-60 Datasheet
190Kb / 3P
   Wireless Bipolar Power Transistor 60W, 1450-1550 GHz
logo
List of Unclassifed Man...
PH1617-30 ETC1-PH1617-30 Datasheet
212Kb / 3P
   Wireless Bipolar Power Transistor, 30W 1.6-1.7 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com