Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH6531-TL-E Datasheet (PDF) - ON Semiconductor

CPH6531-TL-E Datasheet PDF - ON Semiconductor
Part # CPH6531-TL-E
Download  CPH6531-TL-E Download

File Size   529.36 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Dual CPH6

CPH6531-TL-E Datasheet (PDF)

Go To PDF Page Download Datasheet
CPH6531-TL-E Datasheet PDF - ON Semiconductor

Part # CPH6531-TL-E
Download  CPH6531-TL-E Click to download

File Size   529.36 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Dual CPH6

CPH6531-TL-E Datasheet (HTML) - ON Semiconductor

CPH6531-TL-E Datasheet HTML 1Page - ON Semiconductor CPH6531-TL-E Datasheet HTML 2Page - ON Semiconductor CPH6531-TL-E Datasheet HTML 3Page - ON Semiconductor CPH6531-TL-E Datasheet HTML 4Page - ON Semiconductor CPH6531-TL-E Datasheet HTML 5Page - ON Semiconductor CPH6531-TL-E Datasheet HTML 6Page - ON Semiconductor

CPH6531-TL-E Product details

Bipolar Transistor
–50V, –1A, Low VCE(sat) PNP Dual CPH6

Features
• Composite type with two PNP transistors contained in one package facilitating high-density mounting
• The two chips contained are equivalent to the CPH3116
• Ultrasmall package permitting applied sets to be small and slim

Applications
• Relay drivers, lamp drivers, motor drivers, flash




Similar Part No. - CPH6531-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6531 SANYO-CPH6531 Datasheet
53Kb / 4P
   PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results


Similar Description - CPH6531-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH6102 ONSEMI-CPH6102 Datasheet
283Kb / 4P
   Bipolar Transisitor -50V, -1A, Low VCE(sat) PNP Single CPH6
November, 2013
CPH6123-TL-E ONSEMI-CPH6123-TL-E Datasheet
602Kb / 8P
   Bipolar Transistor (.)50V, (.)3A, Low VCE(sat), (PNP)NPN Single CPH6
September, 2013
2SB1122 ONSEMI-2SB1122 Datasheet
81Kb / 4P
   Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013
CPH6122 ONSEMI-CPH6122 Datasheet
530Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
CPH6121 ONSEMI-CPH6121 Datasheet
535Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
MCH6545 ONSEMI-MCH6545 Datasheet
599Kb / 8P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
CPH3116 ONSEMI-CPH3116 Datasheet
631Kb / 7P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
CPH6538 ONSEMI-CPH6538 Datasheet
526Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Dual CPH6
August, 2013
MCH6103 ONSEMI-MCH6103 Datasheet
562Kb / 8P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
CPH6539 ONSEMI-CPH6539 Datasheet
556Kb / 6P
   Bipolar Transistor 30V, 1.5A, Low VCE(sat) NPN Dual CPH6
August, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com