Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1756A Datasheet (PDF) - ON Semiconductor

ENA1756A Datasheet PDF - ON Semiconductor
Part # ENA1756A
Download  ENA1756A Download

File Size   556.59 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor 30V, 1.5A, Low VCE(sat) NPN Dual CPH6

ENA1756A Datasheet (PDF)

Go To PDF Page Download Datasheet
ENA1756A Datasheet PDF - ON Semiconductor

Part # ENA1756A
Download  ENA1756A Click to download

File Size   556.59 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor 30V, 1.5A, Low VCE(sat) NPN Dual CPH6

ENA1756A Datasheet (HTML) - ON Semiconductor

ENA1756A Datasheet HTML 1Page - ON Semiconductor ENA1756A Datasheet HTML 2Page - ON Semiconductor ENA1756A Datasheet HTML 3Page - ON Semiconductor ENA1756A Datasheet HTML 4Page - ON Semiconductor ENA1756A Datasheet HTML 5Page - ON Semiconductor ENA1756A Datasheet HTML 6Page - ON Semiconductor

ENA1756A Product details

Bipolar Transistor
30V, 1.5A, Low VCE(sat) NPN Dual CPH6

Features
• Small-sized package with two NPN transistors (CPH3215 equivalency) contained in one package
• VCEO=30V, IC=1.5A
• Low Collector-to-Emitter Saturation Voltage VCE(sat)=0.16V(typ.)@IC=0.75A
• High-speed switching tf=30ns(typ.)@IC=0.75A
• Halogen free Compliance




Similar Part No. - ENA1756A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1753A SANYO-ENA1753A Datasheet
543Kb / 7P
   Wideband Amplifier
ENA1754A SANYO-ENA1754A Datasheet
481Kb / 7P
   General-Purpose Switching Device Applications
ENA1755A SANYO-ENA1755A Datasheet
481Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
ENA1757A ONSEMI-ENA1757A Datasheet
526Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Dual CPH6
August, 2013
ENA1758A ONSEMI-ENA1758A Datasheet
405Kb / 8P
   Bipolar Transistor (-)50V, (-)30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
More results


Similar Description - ENA1756A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH6538 ONSEMI-CPH6538 Datasheet
526Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Dual CPH6
August, 2013
CPH6122 ONSEMI-CPH6122 Datasheet
530Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
MCH6102 ONSEMI-MCH6102 Datasheet
561Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
CPH3115 ONSEMI-CPH3115 Datasheet
634Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
CPH6531 ONSEMI-CPH6531 Datasheet
529Kb / 6P
   Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Dual CPH6
August, 2013
CPH6123-TL-E ONSEMI-CPH6123-TL-E Datasheet
602Kb / 8P
   Bipolar Transistor (.)50V, (.)3A, Low VCE(sat), (PNP)NPN Single CPH6
September, 2013
CPH6121 ONSEMI-CPH6121 Datasheet
535Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
CPH5505 ONSEMI-CPH5505 Datasheet
295Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Dual CPH5
November, 2013
ECH8501-TL-H ONSEMI-ECH8501-TL-H Datasheet
402Kb / 8P
   Bipolar Transistor (??30V, (??30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com