Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH3144-TL-E Datasheet (PDF) - ON Semiconductor

MCH3144-TL-E Datasheet PDF - ON Semiconductor
Part # MCH3144-TL-E
Download  MCH3144-TL-E Download

File Size   365.99 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3

MCH3144-TL-E Datasheet (PDF)

Go To PDF Page Download Datasheet
MCH3144-TL-E Datasheet PDF - ON Semiconductor

Part # MCH3144-TL-E
Download  MCH3144-TL-E Click to download

File Size   365.99 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3

MCH3144-TL-E Datasheet (HTML) - ON Semiconductor

MCH3144-TL-E Datasheet HTML 1Page - ON Semiconductor MCH3144-TL-E Datasheet HTML 2Page - ON Semiconductor MCH3144-TL-E Datasheet HTML 3Page - ON Semiconductor MCH3144-TL-E Datasheet HTML 4Page - ON Semiconductor MCH3144-TL-E Datasheet HTML 5Page - ON Semiconductor MCH3144-TL-E Datasheet HTML 6Page - ON Semiconductor

MCH3144-TL-E Product details

Bipolar Transistor
–30V, –2A, Low VCE(sat), PNP Single MCPH3

Features
• Adoption of MBIT processes 
• Large current capacity
• Low collector-to-emitter saturation voltage 
• High-speed switching
• Ultrasmall package permitting applied sets to be small and slim (mounting height : 0.85mm)
• High allowable power dissipation

Applicaitons
• Relay drivers, lamp drivers, motor drivers, flash




Similar Part No. - MCH3144-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3144 SANYO-MCH3144 Datasheet
44Kb / 4P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
MCH3144 SANYO-MCH3144 Datasheet
63Kb / 4P
   DC / DC Converter Applications
MCH3144 SANYO-MCH3144_11 Datasheet
63Kb / 4P
   DC / DC Converter Applications
More results


Similar Description - MCH3144-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
30A02MH ONSEMI-30A02MH Datasheet
369Kb / 6P
   Bipolar Transistor -30V, -0.7A, Low VCE(sat) PNP Single MCPH3
August, 2013
MCH3145 ONSEMI-MCH3145 Datasheet
436Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3109 ONSEMI-MCH3109 Datasheet
408Kb / 7P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
CPH3144 ONSEMI-CPH3144 Datasheet
579Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
2SA2124 ONSEMI-2SA2124 Datasheet
321Kb / 7P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
CPH3101 ONSEMI-CPH3101 Datasheet
588Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
12A02MH ONSEMI-12A02MH Datasheet
369Kb / 6P
   Bipolar Transistor ??2V, ??A, Low VCE(sat) PNP Single MCPH3
August, 2013
MCH3105 ONSEMI-MCH3105 Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com